Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7166 Datasheet(PDF) 2 Page - LSI Computer Systems

Part # LS7166
Description  24-BIT QUADRATURE COUNTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7166 Datasheet(HTML) 2 Page - LSI Computer Systems

  LS7166_06 Datasheet HTML 1Page - LSI Computer Systems LS7166_06 Datasheet HTML 2Page - LSI Computer Systems LS7166_06 Datasheet HTML 3Page - LSI Computer Systems LS7166_06 Datasheet HTML 4Page - LSI Computer Systems LS7166_06 Datasheet HTML 5Page - LSI Computer Systems LS7166_06 Datasheet HTML 6Page - LSI Computer Systems LS7166_06 Datasheet HTML 7Page - LSI Computer Systems LS7166_06 Datasheet HTML 8Page - LSI Computer Systems LS7166_06 Datasheet HTML 9Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
PR (Preset register). The PR is the input port for the CNTR. The CNTR is loaded with a 24 bit data via the PR. The
data is first written into the PR in 3 WRITE cycle sequence of Byte 0 (PR0), Byte 1 (PR1) and Byte 2 (PR2).
The address pointer for PR0/PR1/PR2 is automatically incremented with each write cycle.
Accessed by: WRITE when C/D = 0, CS = 0.
Bit #
7 - - - - - - - - - - 0
7 - - - - - - - - - - 0
7 - - - - - - - - - - 0
PR2
PR1
PR0
(BYTE 2)
(BYTE 1)
(BYTE 0)
Standard Sequence for Loading PR and Reading CNTR:
1
MCR
; Reset PR address pointer
WRITE PR
; Load Byte 0 and into PR0 increment address
WRITE PR
; Load Byte 1 and into PR1 increment address
WRITE PR
; Load Byte 2 and into PR3 increment address
8
MCR
;
Transfer PR to CNTR
MCR (Master Control Register). Performs register reset and load operations. Writing a "non-zero” word to MCR does
not require a follow-up write of an “all-zero” word to terminate a designated operation.
Accessed by: WRITE when C/D = 1, CS = 0.
Bit #
7 6 5
4
3
2
1
0
0 0
1: Reset PR/OL address pointer
1: Transfer CNTR to OL (24 bits)
1: Reset CNTR, BWT and CYT. Set SIGN bit.
(CNTR = 0, BWT = 0, CYT = 0, SIGN = 1)
1: Transfer PR to CNTR (24 bits)
1: Reset COMPT (COMPT = 0)
1: Master reset. Reset CNTR, ICR, OCCR, QR, BWT, CYT, OL
COMPT, and PR/OL address pointer. Set PR (PR = FFFFFF) and SIGN.
0:
Select MCR
0:
NOTE: Control functions may be combined.
ICR (Input Control Register). Initializes counter input operating modes.
Accessed by: WRITE when C/D = 1, CS = 0.
Bit #
7 6 5
4
3
2
1
0
0 1
0: Input A = Up count input, Input B = Down count input
1: Input A = Count input, Input B = Count direction input (overridden in
quadrature mode) where B = 0 selects up count mode and B = 1
selects Down count mode.
(NOTE: During counting operation B may switch only when A = 1.)
0: NOP
1: Increment CNTR once (A/B = 1, if enabled)
0: NOP
1: Decrement CNTR once (A/B = 1, if enabled)
0: Disable inputs A/B
1: Enable inputs A/B
0: Initialize Pin 4 as CNTR Reset input (Pin 4 = RCTR)
1: Initialize Pin 4 as Enable/Disable gate for A/B inputs (Pin 4 = ABGT)
0: Initialize Pin 3 as CNTR load input (Pin 3 = LCTR)
1: Initialize Pin 3 as OL load input (Pin 3 = LLTC)
1:
Select ICR
0:
NOTE: Control functions may be combined.
7166-110103-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com