Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7166 Datasheet(PDF) 10 Page - LSI Computer Systems

Part # LS7166
Description  24-BIT QUADRATURE COUNTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7166 Datasheet(HTML) 10 Page - LSI Computer Systems

Back Button LS7166_06 Datasheet HTML 6Page - LSI Computer Systems LS7166_06 Datasheet HTML 7Page - LSI Computer Systems LS7166_06 Datasheet HTML 8Page - LSI Computer Systems LS7166_06 Datasheet HTML 9Page - LSI Computer Systems LS7166_06 Datasheet HTML 10Page - LSI Computer Systems LS7166_06 Datasheet HTML 11Page - LSI Computer Systems LS7166_06 Datasheet HTML 12Page - LSI Computer Systems LS7166_06 Datasheet HTML 13Page - LSI Computer Systems LS7166_06 Datasheet HTML 14Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
3
4
7
PR/OL
ADDRESS
INPUT
BUFFER
AND
DECODE
LOGIC
(DATA-BUS)
8-15
I/O
BUFFER
D0 - D7
18
1
19
2
D0, D6,D7
D0 - D7
D0 - D7
D0 - D7
D0 -D7
5
20
(+5V) VDD
(GND) VSS
D0 -D4
QR
OCCR
ICR
MCR
PR0
B0 - B7
PR1
B8 - B15
PR2
DN CLOCK
UP CLOCK
D0 - D7
PR/OL ADDRESS
B16 - B23
CNTR
B0 - B23
N1=N2
N1
N2
STATUS
LOGIC
OL0
OL1
OL2
Q0 -Q23
CONTROL
LOGIC
OSR
FIGURE 8.
LS7166 BLOCK DIAGRAM
6
(LOAD CTR/LOAD LATCH) LCTR/LLTC
(AB GATE/LOAD LATCH) ABGT/RCTR
(COUNT INPUT) B
(COUNT INPUT) A
(CONTROL /DATA INPUT) C/D
(WRITE INPUT) WR
(READ INPUT) RD
(CHIP SELECT INPUT) CS
16
17
CY (CARRY OUT)
BW (BORROW OUT)
COMPARATOR
7166-110103-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com