Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7166 Datasheet(PDF) 3 Page - LSI Computer Systems

Part # LS7166
Description  24-BIT QUADRATURE COUNTER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7166 Datasheet(HTML) 3 Page - LSI Computer Systems

  LS7166_06 Datasheet HTML 1Page - LSI Computer Systems LS7166_06 Datasheet HTML 2Page - LSI Computer Systems LS7166_06 Datasheet HTML 3Page - LSI Computer Systems LS7166_06 Datasheet HTML 4Page - LSI Computer Systems LS7166_06 Datasheet HTML 5Page - LSI Computer Systems LS7166_06 Datasheet HTML 6Page - LSI Computer Systems LS7166_06 Datasheet HTML 7Page - LSI Computer Systems LS7166_06 Datasheet HTML 8Page - LSI Computer Systems LS7166_06 Datasheet HTML 9Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
OSR (Output Status Register). Indicates CNTR status: Accessed by: READ when C/D = 1, CS = 0.
Bit #
7 6 5
4
3
2
1
0
U U U 0/1 0/1 0/1 0/1 0/1
BWT. Borrow Toggle Flip-Flop. Toggles everytime CNTR underflows
generating a borrow.
CYT. Carry Toggle Flip-Flop. Toggles everytime CNTR overflows
generating a carry.
COMPT. Compare Toggle Flip-Flop. Toggles everytime CNTR equals PR
SIGN. Sign bit.
Reset ( = 0) when CNTR underflows
Set ( = 1) when CNTR overflows
UP/DOWN. Count direction indicatior in quadrature mode.
Reset ( = 0) when counting down
Set ( = 1) when counting up
(Forced to 1 in non-quadrature mode)
OL(Output latch). The OL is the output port for the CNTR. The 24 bit CNTR Value at any instant can be accessed
by performing a CNTR to OL transfer and then reading the OL in 3 READ cycle sequence of Byte 0 (OL0), Byte 1 (OL1)
and Byte 2 (OL2). The address pointer for OL0/OL1/OL2 is automatically incremented with each READ cycle.
Accessed by: READ when C/D = 0, CS = 0.
Bit #
7
0
7
0
7
0
OL2
OL1
OL0
(BYTE 2)
(BYTE 1)
(BYTE 0)
Standard Sequence for Loading and Reading OL:
3
MCR
; Reset OL address pointer and Transfer CNTR to OL
READ OL
; Read Byte 0 and increment address
READ OL
; Read Byte 1 and increment address
READ OL
; Read Byte 2 and increment address
TABLE 1 - Register Addressing Modes
D7 D6 C/D RD WR CS
COMMENT
X
X
X
X
X
1
Disable Chip for READ/WRITE
0
0
1
1
0
Write to Master Control Register (MCR)
0
1
1
1
0
Write to input control register (ICR)
1
0
1
1
0
Write to output/counter control register (OCCR)
1
1
1
1
0
Write to quadrature register (QR)
X
X
0
1
0
Write to preset register (PR) and increment register
address counter.
X
X
0
1
0
Read output latch (OL) and increment register
address counter
X
X
1
1
0
Read output status register (OSR).
X = Don't Care
U = Undefined
7166-110103-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com