Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1322 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC1322
Description  12-Bit Digital-to-Analog Converter with Two-Wire Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1322 Datasheet(HTML) 4 Page - Microchip Technology

  TC1322 Datasheet HTML 1Page - Microchip Technology TC1322 Datasheet HTML 2Page - Microchip Technology TC1322 Datasheet HTML 3Page - Microchip Technology TC1322 Datasheet HTML 4Page - Microchip Technology TC1322 Datasheet HTML 5Page - Microchip Technology TC1322 Datasheet HTML 6Page - Microchip Technology TC1322 Datasheet HTML 7Page - Microchip Technology TC1322 Datasheet HTML 8Page - Microchip Technology TC1322 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TC1322
DS21388C-page 4
© 2005 Microchip Technology Inc.
Serial Port AC Timing
fSMB
SMBus Clock Frequency
10
—
100
kHz
tIDLE
Bus Free Time Prior to New Transition
4.7
—
—
μsec
tH(START)
START Condition Hold Time
4.0
—
—
μsec
tSU(START)
START Condition Setup Time
4.7
—
—
μsec
90% SCL to 10% SDA
(for Repeated START
Condition)
tSU(STOP)
STOP Condition Setup Time
4.0
—
—
μsec
tH-DATA
Data In Hold Time
100
—
—
nsec
tSU-DATA
Data In Setup Time
100
—
—
nsec
tLOW
Low Clock Period
4.7
—
—
μsec
10% to 10%
tHIGH
High Clock Period
4
—
—
μsec
90% to 90%
tF
SMBus Fall Time
—
—
300
nsec
90% to 10%
tR
SMBus Rise Time
—
—
1000
nsec
10% to 90%
tPOR
Power-on Reset Delay
—
500
—
μsec
VDD ≥ VPOR (Rising Edge)
TC1322 ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: VDD = 2.7V to 5.5V, -40°C ≤ TA ≤ +85°C, VREF = 1.2V, CL = 80pF, unless otherwise noted.
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
Note
1:
SDA and SCL must be connected to VDD or GND.
2: Measured at VOUT ≥ 50mV referred to GND to avoid output buffer clipping.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com