Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1322 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1322
Description  12-Bit Digital-to-Analog Converter with Two-Wire Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1322 Datasheet(HTML) 1 Page - Microchip Technology

  TC1322 Datasheet HTML 1Page - Microchip Technology TC1322 Datasheet HTML 2Page - Microchip Technology TC1322 Datasheet HTML 3Page - Microchip Technology TC1322 Datasheet HTML 4Page - Microchip Technology TC1322 Datasheet HTML 5Page - Microchip Technology TC1322 Datasheet HTML 6Page - Microchip Technology TC1322 Datasheet HTML 7Page - Microchip Technology TC1322 Datasheet HTML 8Page - Microchip Technology TC1322 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© 2005 Microchip Technology Inc.
DS21388C-page 1
TC1322
Features
• 12-Bit Digital-to-Analog Converter
• 2.7-5.5V Single Supply Operation
• Simple SMBus/I2CTM Serial Interface
•Low Power: 350
μA Operation, 0.5μA Shutdown
• 8-Pin SOIC and 8-Pin MSOP Packages
Applications
• Programmable Voltage Sources
• Digital Controlled Amplifiers/Attenuators
• Process Monitoring and Control
Device Selection Table
General Description
The TC1322 is a serially accessible 12-bit voltage out-
put digital-to-analog converter (DAC). The DAC pro-
duces an output voltage that ranges from ground to an
externally supplied reference voltage. It operates from
a single power supply that can range from 2.7V to 5.5V,
making it ideal for a wide range of applications. Built
into the part is a Power-on Reset function that ensures
that the device starts at a known condition.
Communication with the TC1322 is accomplished via a
simple 2-wire SMBus/I2C compatible serial port with
the TC1322 acting as a slave only device. The host can
enable the SHDN bit in the CONFIG register to activate
the Low Power Standby mode.
Package Type
Typical Application
Part
Number
Package
Temperature Range
TC1322EOA
8-Pin SOIC (Narrow)
-40°C to +85°C
TC1322EUA
8-Pin MSOP
-40°C to +85°C
GND
SDA
VREF
SCL
NC
VOUT
VDD
DAC-OUT
1
8
27
36
45
TC1322
8-Pin MSOP and
8-Pin SOIC (Narrow)
Microcontroller
Serial Port
SDAT
SCLK
VIN
VADJUST
VDD
(1)
(8)
(3)
(2)
DAC
VREF
(5)
VOUT
TC1322
+
–
12-Bit Digital-to-Analog Converter with Two-Wire Interface
Obsolete Device


Similar Part No. - TC1322

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1322 MICROCHIP-TC1322 Datasheet
445Kb / 16P
12-Bit Digital-to-Analog Converter with Two-Wire Interface
2002
TC1322EOA MICROCHIP-TC1322EOA Datasheet
445Kb / 16P
12-Bit Digital-to-Analog Converter with Two-Wire Interface
2002
TC1322EUA MICROCHIP-TC1322EUA Datasheet
445Kb / 16P
12-Bit Digital-to-Analog Converter with Two-Wire Interface
2002
More results

Similar Description - TC1322

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC2813 BURR-BROWN-DAC2813 Datasheet
116Kb / 9P
DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC2814 BURR-BROWN-DAC2814 Datasheet
210Kb / 11P
DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER Serial Interface
DAC4813 BURR-BROWN-DAC4813 Datasheet
213Kb / 8P
QUAD 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC4814 BURR-BROWN-DAC4814 Datasheet
235Kb / 12P
Quad 12-Bit Digital-to-Analog Converter Serial Interface
logo
Microchip Technology
TC1321 MICROCHIP-TC1321 Datasheet
446Kb / 16P
10-Bit Digital-to-Analog Converter with Two-Wire Interface
2002
TC1322 MICROCHIP-TC1322 Datasheet
445Kb / 16P
12-Bit Digital-to-Analog Converter with Two-Wire Interface
2002
TC1320 MICROCHIP-TC1320 Datasheet
442Kb / 14P
8-Bit Digital-to-Analog Converter with Two-Wire Interface
2002
logo
Analog Devices
ADS1000 AD-ADS1000 Datasheet
243Kb / 17P
LOW POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
logo
Microchip Technology
TC1320 MICROCHIP-TC1320_13 Datasheet
220Kb / 16P
8-Bit Digital-to-Analog Converter with Two-Wire Interface
2002-2012 11/27/12
logo
Texas Instruments
ADS1000 TI1-ADS1000_14 Datasheet
629Kb / 23P
LOW-POWER, 12-Bit ANALOG-TO-DIGITAL CONVERTER with I2C??INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com