Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1322 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC1322
Description  12-Bit Digital-to-Analog Converter with Two-Wire Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1322 Datasheet(HTML) 5 Page - Microchip Technology

  TC1322 Datasheet HTML 1Page - Microchip Technology TC1322 Datasheet HTML 2Page - Microchip Technology TC1322 Datasheet HTML 3Page - Microchip Technology TC1322 Datasheet HTML 4Page - Microchip Technology TC1322 Datasheet HTML 5Page - Microchip Technology TC1322 Datasheet HTML 6Page - Microchip Technology TC1322 Datasheet HTML 7Page - Microchip Technology TC1322 Datasheet HTML 8Page - Microchip Technology TC1322 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
© 2005 Microchip Technology Inc.
DS21388C-page 5
TC1322
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin Number
Symbol
Type
Description
1
VREF
Input
Input. Voltage Reference Input can range from 0V to 1.2V below VDD.
2
SDA
Bi-Directional
Bi-directional. Serial data is transferred on the SMBus in both directions
using this pin.
3
SCL
Input
Input. SMBus serial clock. Clocks data into and out of the TC1322.
4
GND
Power
Ground.
5
VOUT
Output
Output. Buffered DAC output voltage. This voltage is a function of the
reference voltage and the contents of the DATA register.
6
NC
None
No connection.
7
DAC-OUT
Output
Output. Unbuffered DAC output voltage. This voltage is a function of the ref-
erence voltage and the contents of the DATA register. This output is
unbuffered and care must be taken that the pin is connected only to a
high-impedance node.
8
VDD
Power
Input. Positive power supply input. See electrical specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com