Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF1ICS2005 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MF1ICS2005
Description  Sawn bumped 120關m wafer addendum
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1ICS2005 Datasheet(HTML) 2 Page - NXP Semiconductors

  MF1ICS2005 Datasheet HTML 1Page - NXP Semiconductors MF1ICS2005 Datasheet HTML 2Page - NXP Semiconductors MF1ICS2005 Datasheet HTML 3Page - NXP Semiconductors MF1ICS2005 Datasheet HTML 4Page - NXP Semiconductors MF1ICS2005 Datasheet HTML 5Page - NXP Semiconductors MF1ICS2005 Datasheet HTML 6Page - NXP Semiconductors MF1ICS2005 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
141130
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.0 — 18 July 2007
2 of 7
NXP Semiconductors
MF1 IC S20 05
Sawn bumped 120µm wafer addendum
Thickness:
500 nm / 600 nm
3.5 Au bump
Bump material:
> 99.9% pure Au
Bump hardness:
35 – 80 HV 0.005
Bump shear strength:
> 70 MPa
Bump height:
18
µm
Bump height uniformity:
– within a die:
± 2
µm
– within a wafer:
± 3
µm
– wafer to wafer:
± 4
µm
Bump flatness:
± 1.5
µm
Bump size:
– LA, LB, VSS1
104 x 104
µm
– TESTIO1
89 x 104
µm
Bump size variation:
± 5
µm
Under bump metallization:
sputtered TiW
Remark: Substrate is connected to VSS.
3.6 Fail die identification
Electronic wafer mapping covers the electrical test results and additionally the results of
mechanical/ visual inspection.
No inkdots are applied.
1.Pads VSS and TESTIO are disconnected when wafer is sawn.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com