Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF1ICS2005 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # MF1ICS2005
Description  Sawn bumped 120關m wafer addendum
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1ICS2005 Datasheet(HTML) 7 Page - NXP Semiconductors

  MF1ICS2005 Datasheet HTML 1Page - NXP Semiconductors MF1ICS2005 Datasheet HTML 2Page - NXP Semiconductors MF1ICS2005 Datasheet HTML 3Page - NXP Semiconductors MF1ICS2005 Datasheet HTML 4Page - NXP Semiconductors MF1ICS2005 Datasheet HTML 5Page - NXP Semiconductors MF1ICS2005 Datasheet HTML 6Page - NXP Semiconductors MF1ICS2005 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
NXP Semiconductors
MF1 IC S20 05
Sawn bumped 120µm wafer addendum
© NXP B.V. 2007.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 18 July 2007
Document identifier: 141130
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
11. Tables
Table 1.
Ordering information . . . . . . . . . . . . . . . . . . . . .1
Table 2.
Limiting values[1][2][3] . . . . . . . . . . . . . . . . . . . . . .3
Table 3.
Electrical characteristics [1][2][3] . . . . . . . . . . . . . 3
Table 4.
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . 5
12. Contents
1
General description . . . . . . . . . . . . . . . . . . . . . . 1
2
Ordering information . . . . . . . . . . . . . . . . . . . . . 1
3
Mechanical specification . . . . . . . . . . . . . . . . . 1
3.1
Wafer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
3.2
Wafer backside . . . . . . . . . . . . . . . . . . . . . . . . . 1
3.3
Chip dimensions . . . . . . . . . . . . . . . . . . . . . . . 1
3.4
Passivation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
3.5
Au bump . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
4
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 3
5
Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 3
6
Chip orientation and bond pad locations . . . . 4
7
References . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
8
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . 5
9
Legal information. . . . . . . . . . . . . . . . . . . . . . . . 6
9.1
Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 6
9.2
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
9.3
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
9.4
Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
10
Contact information. . . . . . . . . . . . . . . . . . . . . . 6
11
Tables . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
12
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com