Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF1ICS2005 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MF1ICS2005
Description  Sawn bumped 120關m wafer addendum
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MF1ICS2005 Datasheet(HTML) 4 Page - NXP Semiconductors

  MF1ICS2005 Datasheet HTML 1Page - NXP Semiconductors MF1ICS2005 Datasheet HTML 2Page - NXP Semiconductors MF1ICS2005 Datasheet HTML 3Page - NXP Semiconductors MF1ICS2005 Datasheet HTML 4Page - NXP Semiconductors MF1ICS2005 Datasheet HTML 5Page - NXP Semiconductors MF1ICS2005 Datasheet HTML 6Page - NXP Semiconductors MF1ICS2005 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
141130
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 3.0 — 18 July 2007
4 of 7
NXP Semiconductors
MF1 IC S20 05
Sawn bumped 120µm wafer addendum
6.
Chip orientation and bond pad locations
Fig 1.
Chip orientation and bond pad locations
PAD (center) x [µm]
y [µm]
VSS
0.0
0.0
TESTIO
252.2
602.3
LA
17.4
596.1
LB
712.4
0.0
(1) X - Scribeline width:
80 µm
106.5 µm
(2) Y- Scribeline width:
80 µm
103.0 µm
(3) Chip step, x -length:
1.11 mm
133.4 µm
(4) Chip step, y -length:
1.06 mm
(8) LB bump edge to chip edge, x-length:
88.6 µm
(1)
X
Y
LA
TESTIO
VSS
LB
MF1ICS2005
(4)
(3)
(5)
(6)
(2)
(7)
(8)
(6) LA bump edge to chip edge, x-length:
(7) LB bump edge to chip edge, y-length:
(5) LA bump edge to chip edge, y-length:



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com