Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDM2033 Datasheet(PDF) 2 Page - ON Semiconductor

Part # ESDM2033
Description  packaged Diodes for ESD Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESDM2033 Datasheet(HTML) 2 Page - ON Semiconductor

  ESDM2033 Datasheet HTML 1Page - ON Semiconductor ESDM2033 Datasheet HTML 2Page - ON Semiconductor ESDM2033 Datasheet HTML 3Page - ON Semiconductor ESDM2033 Datasheet HTML 4Page - ON Semiconductor ESDM2033 Datasheet HTML 5Page - ON Semiconductor ESDM2033 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ESDM2033
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse Working Voltage
VRWM
I/O Pin to GND
3.3
V
Breakdown Voltage
VBR
IT = 1 mA, I/O Pin to GND
3.68
5.0
6.5
V
Reverse Leakage Current
IR
VRWM = 3.3 V, I/O Pin to GND
0.1
mA
Clamping Voltage
TLP (Note 1)
VC
IPP = 8 A
IEC 61000−4−2 Level 2 equivalent
(±4 kV Contact, ±4 kV Air)
5.5
V
IPP = 16 A
IEC 61000−4−2 Level 2 equivalent
(±8 kV Contact, ±15 kV Air)
6.5
Junction Capacitance
CJ
VR = 0 V, f = 1 MHz
5.5
pF
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
1. ANSI/ESD STM5.5.1 − Electrostatic Discharge Sensitivity Testing using Transmission Line Pulse (TLP) Model.
TLP conditions: Z0 = 50 W, tp = 100 ns, tr = 4 ns, averaging window; t1 = 30 ns to t2 = 60 ns.
ORDERING INFORMATION
Device
Package
Shipping†
ESDM2033MX4T5G
X4DFN2
(Pb−Free)
10,000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com