Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDM2033 Datasheet (PDF) - ON Semiconductor

ESDM2033 Datasheet PDF - ON Semiconductor
Part # ESDM2033
Download  ESDM2033 Download
File Size   206.84 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description packaged Diodes for ESD Protection

ESDM2033 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESDM2033 Datasheet PDF - ON Semiconductor

Part # ESDM2033
Download  ESDM2033 Click to download

File Size   206.84 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description packaged Diodes for ESD Protection

ESDM2033 Datasheet (HTML) - ON Semiconductor


ESDM2033 Product details

The ESDM2033 is designed to protect voltage sensitive components
from ESD. Excellent clamping capability, low leakage, and fast
response time provide best in class protection on designs that are
exposed to ESD. Because of its small size, it is suited for use in
smartphone, smart-watch, or many other portable / wearable
applications where board space comes at a premium.

Features
• Low Capacitance (5.5 pF Max, I/O to GND)
• Small Body Outline Dimensions
♦ 0.6 x 0.3 mm
• Protection for the Following IEC Standards:
IEC 61000−4−2 (Level 4)
• Low ESD Clamping Voltage
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant




Similar Part No. - ESDM2033

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESDM2032 ONSEMI-ESDM2032 Datasheet
310Kb / 8P
ESD Protection Diode
February, 2024 - Rev. 4
More results


Similar Description - ESDM2033

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD7C3.3DT5G ONSEMI-ESD7C3.3DT5G Datasheet
85Kb / 4P
Transient Voltage Suppressors Micro-Packaged Diodes for ESD Protection
April, 2008 - Rev. 2
ESD9B5.0ST5G ONSEMI-ESD9B5.0ST5G Datasheet
86Kb / 4P
Transient Voltage Suppressors Micro-Packaged Diodes for ESD Protection
April, 2008 - Rev. 2
ESD8011 ONSEMI-ESD8011 Datasheet
270Kb / 8P
ESD Protection Diodes
September, 2015 ??Rev. 3
ESD8101 ONSEMI-ESD8101 Datasheet
153Kb / 8P
ESD Protection Diodes
August, 2015 ??Rev. 1
ESDM3033 ONSEMI-ESDM3033 Datasheet
212Kb / 7P
ESD Protection Diode Micro?뭁ackaged Diodes for ESD Protection
June, 2020 ??Rev. 1
SESDU1052 ONSEMI-SESDU1052 Datasheet
226Kb / 6P
ESD Protection Diodes Micro?뭦ackaged Diodes for ESD Protection
August, 2021 ??Rev. 0
ESDM1053 ONSEMI-ESDM1053 Datasheet
213Kb / 6P
ESD Protection Diodes Micro?뭦ackaged Diodes for ESD Protection
March, 2022 ??Rev. 0
ESD5101 ONSEMI-ESD5101_V01 Datasheet
277Kb / 9P
ESD Protection Diodes Micro-packaged Diodes for ESD Protection
June, 2018 ??Rev. 6
ESDL2012 ONSEMI-ESDL2012 Datasheet
207Kb / 7P
ESD Protection Diode Micro?뭁ackaged Diodes for ESD Protection
November, 2019 ??Rev.1
ESDM3551 ONSEMI-ESDM3551 Datasheet
303Kb / 9P
5.5 V ESD Protection Diode Micro-Packaged Diodes for ESD Protection
September, 2022 - Rev. 5
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com