Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDM2033 Datasheet(PDF) 3 Page - ON Semiconductor

Part # ESDM2033
Description  packaged Diodes for ESD Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESDM2033 Datasheet(HTML) 3 Page - ON Semiconductor

  ESDM2033 Datasheet HTML 1Page - ON Semiconductor ESDM2033 Datasheet HTML 2Page - ON Semiconductor ESDM2033 Datasheet HTML 3Page - ON Semiconductor ESDM2033 Datasheet HTML 4Page - ON Semiconductor ESDM2033 Datasheet HTML 5Page - ON Semiconductor ESDM2033 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ESDM2033
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. CV Characteristics
Figure 2. S21 Insertion Loss
VBIAS (V)
Figure 3. Capacitance over Frequency
FREQUENCY (Hz)
Figure 4. Positive TLP I−V Curve
Figure 5. Negative TLP I−V Curve
FREQUENCY (GHz)
2.5
1.5
3.5
0.5
−0.5
−1.5
−2.5
−3.5
0
1
2
3
4
5
6
10
1.E+07
−10
−8
−4
−2
0
2
2.5
1.5
1.0
0.5
0
1
3
4
5
7
8
10
7
8
9
−6
2
6
9
2.0
3.0
1.E+08
1.E+09
VC, VOLTAGE (V)
0
2
6
8
10
14
18
20
4
12
16
0
2
10
4
6
8
20
18
14
12
8
4
2
0
6
10
16
VC, VOLTAGE (V)
0
−2
−6
−8
−10
−14
−18
−20
−4
−12
−16
0
2
4
6
8
10
20
18
14
12
8
4
2
0
6
10
16



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com