Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4420EMF Datasheet(PDF) 3 Page - Microchip Technology

Part # TC4420EMF
Description  6A High-Speed MOSFET Drivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4420EMF Datasheet(HTML) 3 Page - Microchip Technology

  TC4420EMF Datasheet HTML 1Page - Microchip Technology TC4420EMF Datasheet HTML 2Page - Microchip Technology TC4420EMF Datasheet HTML 3Page - Microchip Technology TC4420EMF Datasheet HTML 4Page - Microchip Technology TC4420EMF Datasheet HTML 5Page - Microchip Technology TC4420EMF Datasheet HTML 6Page - Microchip Technology TC4420EMF Datasheet HTML 7Page - Microchip Technology TC4420EMF Datasheet HTML 8Page - Microchip Technology TC4420EMF Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
 2004 Microchip Technology Inc.
DS21419C-page 3
TC4420/TC4429
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
Supply Voltage ..................................................... +20V
Input Voltage .................................. – 5V to VDD + 0.3V
Input Current (VIN > VDD)................................... 50 mA
Power Dissipation (TA ≤ 70°C)
5-Pin TO-220 .................................................... 1.6W
CERDIP ....................................................... 800 mW
DFN ............................................ ...................Note 2
PDIP ............................................................ 730 mW
SOIC............................................................ 470 mW
Package Power Dissipation (TA ≤ 25°C)
5-Pin TO-220 (With Heatsink) ........................ 12.5W
Thermal Impedances (To Case)
5-Pin TO-220 RθJ-C ...................................... 10°C/W
† Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, TA = +25°C with 4.5V ≤ VDD ≤ 18V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input
Logic ‘1’, High Input
Voltage
VIH
2.4
1.8
—
V
Logic ‘0’, Low Input Voltage
VIL
—1.3
0.8
V
Input Voltage Range
VIN
–5
—
VDD+0.3
V
Input Current
IIN
–10
—
+10
µA
0V
≤ V
IN ≤ VDD
Output
High Output Voltage
VOH
VDD – 0.025
—
—
V
DC TEST
Low Output Voltage
VOL
—
—
0.025
V
DC TEST
Output Resistance, High
ROH
—2.1
2.8
Ω
IOUT = 10 mA, VDD = 18V
Output Resistance, Low
ROL
—1.5
2.5
Ω
IOUT = 10 mA, VDD = 18V
Peak Output Current
IPK
—6.0
—
A
VDD = 18V
Latch-Up Protection
Withstand Reverse Current
IREV
—
> 1.5
—
A
Duty cycle
≤ 2%, t ≤ 300 µsec
Switching Time (Note 1)
Rise Time
tR
—25
35
ns
Figure 4-1, CL = 2,500 pF
Fall Time
tF
—25
35
ns
Figure 4-1, CL = 2,500 pF
Delay Time
tD1
—55
75
ns
Figure 4-1
Delay Time
tD2
—55
75
ns
Figure 4-1
Power Supply
Power Supply Current
IS
—
—
0.45
55
1.5
150
mA
µA
VIN = 3V
VIN = 0V
Operating Input Voltage
VDD
4.5
—
18
V
Note 1:
Switching times ensured by design.
2:
Package power dissipation is dependent on the copper pad area on the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com