Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4420EMF Datasheet(PDF) 10 Page - Microchip Technology

Part # TC4420EMF
Description  6A High-Speed MOSFET Drivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4420EMF Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC4420EMF Datasheet HTML 6Page - Microchip Technology TC4420EMF Datasheet HTML 7Page - Microchip Technology TC4420EMF Datasheet HTML 8Page - Microchip Technology TC4420EMF Datasheet HTML 9Page - Microchip Technology TC4420EMF Datasheet HTML 10Page - Microchip Technology TC4420EMF Datasheet HTML 11Page - Microchip Technology TC4420EMF Datasheet HTML 12Page - Microchip Technology TC4420EMF Datasheet HTML 13Page - Microchip Technology TC4420EMF Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
TC4420/TC4429
DS21419C-page 10
 2004 Microchip Technology Inc.
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
Legend:
XX...X
Customer specific information*
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line thus limiting the number of available characters
for customer specific information.
*
Standard OTP marking consists of Microchip part number, year code, week code, and traceability code.
5-Lead TO-220
XXXXXXXXX
XXXXXXXXX
YYWWNNN
Example:
TC4420CAT
0419256
8-Lead CERDIP (300 mil)
Example:
XXXXXXXX
XXXXXNNN
YYWW
TC4420
MJA256
0419
8-Lead DFN
Example
:
XXXXXXX
XXXXXXX
XXYYWW
NNN
TC4420
EMF
0419
256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com