Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4420EMF Datasheet (PDF) - Microchip Technology

TC4420EMF Datasheet PDF - Microchip Technology
Part # TC4420EMF
Download  TC4420EMF Download
File Size   342.76 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 6A High-Speed MOSFET Drivers

TC4420EMF Datasheet (PDF)

Go To PDF Page Download Datasheet
TC4420EMF Datasheet PDF - Microchip Technology

Part # TC4420EMF
Download  TC4420EMF Click to download

File Size   342.76 Kbytes
Page   20 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 6A High-Speed MOSFET Drivers

TC4420EMF Datasheet (HTML) - Microchip Technology


TC4420EMF Product details

General Description

The TC4420/TC4429 are 6A (peak), single-output MOSFET drivers. The TC4429 is an inverting driver

(pin-compatible with the TC429), while the TC4420 is a non-inverting driver. These drivers are fabricated in CMOS for lower power and more efficient operation versus bipolar drivers.



Features

• Latch-Up Protected: Will Withstand >1.5A Reverse Output Current

• Logic Input Will Withstand Negative Swing Up To 5V

• ESD Protected: 4 kV

• Matched Rise and Fall Times: - 25 ns (2500 pF load)

• High Peak Output Current: 6A

• Wide Input Supply Voltage Operating Range: - 4.5V to 18V

• High Capacitive Load Drive Capability: 10,000 pF

• Short Delay Time: 55 ns (typ.)

• CMOS/TTL Compatible Input

• Low Supply Current With Logic ‘1’ Input: -450µA (typ.)

• Low Output Impedance: 2.5Ω

• Output Voltage Swing to Within 25 mV of Ground or VDD

• Space-Saving 8-Pin SOIC and 8-Pin 6x5 DFN Packages



Applications

• Switch-Mode Power Supplies

• Motor Controls

• Pulse Transformer Driver

• Class D Switching Amplifiers




Similar Part No. - TC4420EMF

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4420EOA TELCOM-TC4420EOA Datasheet
64Kb / 5P
6A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4420EOA MICROCHIP-TC4420EOA Datasheet
64Kb / 8P
6A HIGH-SPEED MOSFET DRIVERS
2002-2012
TC4420EOA MICROCHIP-TC4420EOA Datasheet
378Kb / 22P
6A High-Speed MOSFET Drivers
2002-2012 11/27/12
TC4420EOA MICROCHIP-TC4420EOA Datasheet
69Kb / 8P
6A HIGH-SPEED MOSFET DRIVERS
10/18/96
logo
TelCom Semiconductor, I...
TC4420EPA TELCOM-TC4420EPA Datasheet
64Kb / 5P
6A HIGH-SPEED MOSFET DRIVERS
More results


Similar Description - TC4420EMF

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4420 TELCOM-TC4420 Datasheet
64Kb / 5P
6A HIGH-SPEED MOSFET DRIVERS
logo
Microchip Technology
TC4420 MICROCHIP-TC4420 Datasheet
64Kb / 8P
6A HIGH-SPEED MOSFET DRIVERS
2002-2012
logo
Alpha Industries
AS4420 ALPHA-AS4420 Datasheet
268Kb / 5P
6A, High Speed MOSFET Drivers
logo
ON Semiconductor
NCP4420 ONSEMI-NCP4420 Datasheet
78Kb / 8P
6A High-Speed MOSFET Drivers
June, 2000 ??Rev. 0
logo
Microchip Technology
TC4420M MICROCHIP-TC4420M Datasheet
206Kb / 18P
6A High-Speed MOSFET Drivers
2005
MCP1406 MICROCHIP-MCP1406 Datasheet
904Kb / 22P
6A High-Speed Power MOSFET Drivers
2006
logo
Micrel Semiconductor
MIC44F18 MICREL-MIC44F18 Datasheet
605Kb / 13P
6A High Speed MOSFET Drivers
logo
Microchip Technology
TC4420 MICROCHIP-TC4420 Datasheet
378Kb / 22P
6A High-Speed MOSFET Drivers
2002-2012 11/27/12
MCP1406 MICROCHIP-MCP1406_16 Datasheet
764Kb / 30P
6A High-Speed Power MOSFET Drivers
07/14/15
TC4420 MICROCHIP-TC4420_V01 Datasheet
69Kb / 8P
6A HIGH-SPEED MOSFET DRIVERS
10/18/96
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com