Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20NM50L-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 20NM50L-TN3-R
Description  20A, 500V N-CHANNEL SUPER-JUNCTION MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

20NM50L-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  20NM50L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 20NM50L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 20NM50L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 20NM50L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 20NM50L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 20NM50L-TN3-R Datasheet HTML 6Page - Unisonic Technologies 20NM50L-TN3-R Datasheet HTML 7Page - Unisonic Technologies 20NM50L-TN3-R Datasheet HTML 8Page - Unisonic Technologies 20NM50L-TN3-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
20NM50
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 9
www.unisonic.com.tw
QW-R205-158.F
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
500
V
Gate-Source Voltage
VGSS
±30
V
Drain Current
Continuous
ID
20
A
Pulsed (Note 2)
IDM
40
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
545
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
9.5
V/ns
Power Dissipation
TO-220
PD
110
W
TO-220F1/TO-220F3
32
W
TO-247
180
W
TO-252
62
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse width limited by maximum junction temperature.
3. L = 100mH, IAS = 3.3A, VDD = 50V, RG = 25Ω, Starting TJ = 25°C
4. ISD ≤ 20A, di/dt ≤ 200A/µs, VDD ≤ BVDSS, Starting TJ = 25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
TO-220/TO-220F1
TO-220F3
θJA
62.5
°С/W
TO-247
40
°С/W
TO-252
110
°С/W
Junction to Case
TO-220
θJC
1.13
°С/W
TO-220F1/TO-220F3
3.91
°С/W
TO-247
0.69
°С/W
TO-252
2.01
°С/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com