Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20NM50L-TN3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 20NM50L-TN3-R
Description  20A, 500V N-CHANNEL SUPER-JUNCTION MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

20NM50L-TN3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  20NM50L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 20NM50L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 20NM50L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 20NM50L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 20NM50L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 20NM50L-TN3-R Datasheet HTML 6Page - Unisonic Technologies 20NM50L-TN3-R Datasheet HTML 7Page - Unisonic Technologies 20NM50L-TN3-R Datasheet HTML 8Page - Unisonic Technologies 20NM50L-TN3-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
20NM50
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R205-158.F
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250µA
500
V
Drain-Source Leakage Current
IDSS
VDS=500V, VGS=0V
25
µA
Gate-Body Leakage Current
IGSS
VDS=0V, VGS=±30V
±100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
2.5
4.5
V
Static Drain-Source On-Resistance
RDS(ON)
VGS=10V, ID=10A
0.24
Ω
DYNAMIC PARAMETERS
Input Capacitance
CISS
VDS=25V, VGS=0V, f=1MHz
1090
pF
Output Capacitance
COSS
880
pF
Reverse Transfer Capacitance
CRSS
120
pF
SWITCHING PARAMETERS
Total Gate Charge (Note 1)
QG
VDS=400V, VGS=10V, ID=20A
(Note 1, 2)
43
nC
Gate to Source Charge
QGS
6
nC
Gate to Drain Charge
QGD
18
nC
Turn-ON Delay Time (Note 1)
tD(ON)
VDD=100V, VGS=10V, ID=20A,
RG=25Ω (Note 1, 2)
16
ns
Rise Time
tR
30
ns
Turn-OFF Delay Time
tD(OFF)
134
ns
Fall-Time
tF
50
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Body-Diode Continuous Current
IS
20
A
Maximum Body-Diode Pulsed Current
ISM
40
A
Drain-Source Diode Forward Voltage (Note 1)
VSD
IS=20A, VGS=0V
1.4
V
Body Diode Reverse Recovery Time (Note 1)
trr
IS=20A, VGS=0V,
dIF/dt=100A/µs
430
ns
Body Diode Reverse Recovery Charge
Qrr
6.95
µC
Notes: 1. Pulse Test : Pulse width ≤ 300μs, Duty cycle ≤ 2%.
2. Essentially independent of operating ambient temperature.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com