Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20NM50L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 20NM50L-TN3-R
Description  20A, 500V N-CHANNEL SUPER-JUNCTION MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

20NM50L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  20NM50L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 20NM50L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 20NM50L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 20NM50L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 20NM50L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 20NM50L-TN3-R Datasheet HTML 6Page - Unisonic Technologies 20NM50L-TN3-R Datasheet HTML 7Page - Unisonic Technologies 20NM50L-TN3-R Datasheet HTML 8Page - Unisonic Technologies 20NM50L-TN3-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
20NM50
Power MOSFET
www.unisonic.com.tw
1 of 9
Copyright © 2022 Unisonic Technologies Co., Ltd
QW-R205-158.F
20A, 500V N-CHANNEL
SUPER-JUNCTION MOSFET
DESCRIPTION
The UTC 20NM50 is a Super Junction MOSFET Structure and
is designed to have better characteristics, such as fast switching
time, low gate charge, low on-state resistance and a high rugged
avalanche characteristics. This power MOSFET is usually used at
AC-DC converters for power applications.
FEATURES
* RDS(ON) ≤ 0.24 Ω @ VGS=10V, ID=10A
* Fast Switching Capability
* Avalanche Energy Specified
* Improved dv/dt Capability, High Ruggedness
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
20NM50L-TA3-T
20NM50G-TA3-T
TO-220
G
D
S
Tube
20NM50L-TF1-T
20NM50G-TF1-T
TO-220F1
G
D
S
Tube
20NM50L-TF3T-T
20NM50G-TF3T-T
TO-220F3
G
D
S
Tube
20NM50L-T47-T
20NM50G-T47-T
TO-247
G
D
S
Tube
20NM50L-TN3-R
20NM50G-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source
(1) T: Tube, R: Tape Reel
(2) TA3: TO-220, TF1: TO-220F1,
TF3T: TO-220F3, T47: TO-247, TN3: TO-252
(3) G: Halogen Free and Lead Free, L: Lead Free
20NM50G-TF1-T
(1) Packing Type
(2) Package Type
(3) Green Package


Similar Part No. - 20NM50L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
20NM60 UTC-20NM60 Datasheet
240Kb / 6P
20A, 600V N-CHANNEL SUPER-JUNCTION MOSFET
20NM60L-TA3-T UTC-20NM60L-TA3-T Datasheet
240Kb / 6P
20A, 600V N-CHANNEL SUPER-JUNCTION MOSFET
20NM60L-TF1-T UTC-20NM60L-TF1-T Datasheet
240Kb / 6P
20A, 600V N-CHANNEL SUPER-JUNCTION MOSFET
20NM60L-TM3-T UTC-20NM60L-TM3-T Datasheet
240Kb / 6P
20A, 600V N-CHANNEL SUPER-JUNCTION MOSFET
20NM60L-TN3-R UTC-20NM60L-TN3-R Datasheet
240Kb / 6P
20A, 600V N-CHANNEL SUPER-JUNCTION MOSFET
More results

Similar Description - 20NM50L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
20NM60 UTC-20NM60 Datasheet
240Kb / 6P
20A, 600V N-CHANNEL SUPER-JUNCTION MOSFET
logo
Silan Microelectronics ...
SVF20N50F SILAN-SVF20N50F Datasheet
658Kb / 8P
20A, 500V N-CHANNEL MOSFET
logo
VBsemi Electronics Co.,...
IRFP460PBF VBSEMI-IRFP460PBF Datasheet
1Mb / 9P
N-Channel 500V (D-S) Super Junction Power MOSFET
UF450L-T47-T VBSEMI-UF450L-T47-T Datasheet
1Mb / 9P
N-Channel 500V (D-S) Super Junction Power MOSFET
STW26NM50 VBSEMI-STW26NM50 Datasheet
966Kb / 9P
N-Channel 500V (D-S) Super Junction Power MOSFET
VBE15R07S VBSEMI-VBE15R07S Datasheet
915Kb / 12P
N-Channel 500V(D-S) Super Junction Power MOSFET
VBE15R10S VBSEMI-VBE15R10S Datasheet
849Kb / 9P
N-Channel 500V (D -S) Super Junction Power MOSFET
VBE15R15S VBSEMI-VBE15R15S Datasheet
847Kb / 10P
N-Channel 500V (D -S) Super Junction Power MOSFET
VBM15R11S VBSEMI-VBM15R11S Datasheet
823Kb / 10P
N-Channel 500V (D-S) Super Junction Power MOSFET
VBM15R15S VBSEMI-VBM15R15S Datasheet
813Kb / 10P
N-Channel 500V (D-S) Super Junction Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com