Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7126 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC7126
Description  3-1/2 Digit Analog-to-Digital Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7126 Datasheet(HTML) 1 Page - Microchip Technology

  TC7126 Datasheet HTML 1Page - Microchip Technology TC7126 Datasheet HTML 2Page - Microchip Technology TC7126 Datasheet HTML 3Page - Microchip Technology TC7126 Datasheet HTML 4Page - Microchip Technology TC7126 Datasheet HTML 5Page - Microchip Technology TC7126 Datasheet HTML 6Page - Microchip Technology TC7126 Datasheet HTML 7Page - Microchip Technology TC7126 Datasheet HTML 8Page - Microchip Technology TC7126 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
© 2006 Microchip Technology Inc.
DS21458C-page 1
TC7126/A
Features:
• Internal Reference with Low Temperature Drift:
- TC7126: 80ppm/°C, Typical
- TC7126A: 35ppm/°C, Typical
• Zero Reading with Zero Input
• Low Noise: 15
μVP-P
• High Resolution: 0.05%
• Low Input Leakage Current: 1pA Typ., 10pA Max.
• Precision Null Detectors with True Polarity at Zero
• High-Impedance Differential Input
• Convenient 9V Battery Operation with Low-Power
Dissipation: 500
μW Typ., 900μW Max.
Applications:
• Thermometry
• Bridge Readouts: Strain Gauges, Load Cells,
Null Detectors
• Digital Meters and Panel Meters:
- Voltage/Current/Ohms/Power, pH
• Digital Scales, Process Monitors
Device Selection Table
General Description:
The TC7126A is a 3-1/2 digit CMOS Analog-to-Digital
Converter (ADC) containing all the active components
necessary to construct a 0.05% resolution measure-
ment system. Seven-segment decoders, digit and
polarity drivers, voltage reference, and clock circuit are
integrated on-chip. The TC7126A directly drives a
Liquid Crystal Display (LCD), and includes a backplane
driver.
A low-cost, high resolution indicating meter requires
only a display, four resistors, and four capacitors. The
TC7126A’s extremely low-power drain and 9V battery
operation make it ideal for portable applications.
The TC7126A reduces linearity error to less than 1
count. Rollover error (the difference in readings for
equal magnitude, but opposite polarity input signals) is
below ±1 count. High-impedance differential inputs
offer 1pA leakage current and a 1012
Ω input imped-
ance. The 15
μVP-P noise performance ensures a “rock
solid” reading, and the auto-zero cycle ensures a zero
display reading with a 0V input.
The TC7126A features a precision, low drift internal
voltage reference and is functionally identical to the
TC7126. A low drift external reference is not normally
required with the TC7126A.
Package
Code
Package
Temperature
Range
CPL
40-Pin PDIP
0
°C to +70°C
IPL
40-Pin PDIP (TC7126 Only)
-25
°C to +85°C
CKW
44-Pin PQFP
0
°C to +70°C
CLW
44-Pin PLCC
0
°C to +70°C
3-1/2 Digit Analog-to-Digital Converters


Similar Part No. - TC7126

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7126 TELCOM-TC7126 Datasheet
198Kb / 13P
3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
logo
Microchip Technology
TC7126 MICROCHIP-TC7126 Datasheet
553Kb / 22P
3-1/2 Digit Analog-to-Digital Converters
2002
logo
TelCom Semiconductor, I...
TC7126A TELCOM-TC7126A Datasheet
198Kb / 13P
3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
logo
Microchip Technology
TC7126A MICROCHIP-TC7126A Datasheet
553Kb / 22P
3-1/2 Digit Analog-to-Digital Converters
2002
TC7126A MICROCHIP-TC7126A Datasheet
330Kb / 28P
3-1/2 Digit Analog-to-Digital Converters
11/29/12
More results

Similar Description - TC7126

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7116 TELCOM-TC7116 Datasheet
218Kb / 14P
3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS WITH HOLD
TC7126 TELCOM-TC7126 Datasheet
198Kb / 13P
3-1/2 DIGIT ANALOG-TO-DIGITAL CONVERTERS
logo
Microchip Technology
TC7106 MICROCHIP-TC7106 Datasheet
623Kb / 26P
3-1/2 Digit Analog-to-Digital Converters
2002
TC7116 MICROCHIP-TC7116 Datasheet
549Kb / 22P
3-1/2 Digit Analog-to-Digital Converters with Hold
2002
TC7126 MICROCHIP-TC7126 Datasheet
553Kb / 22P
3-1/2 Digit Analog-to-Digital Converters
2002
TC7106 MICROCHIP-TC7106_06 Datasheet
534Kb / 32P
3-1/2 Digit Analog-to-Digital Converters
2006
TC7116 MICROCHIP-TC7116_06 Datasheet
425Kb / 24P
3-1/2 Digit Analog-to-Digital Converters with Hold
2006
TC7116 MICROCHIP-TC7116_13 Datasheet
322Kb / 26P
3-1/2 Digit Analog-to-Digital Converters with Hold
11/29/12
TC7126 MICROCHIP-TC7126_13 Datasheet
330Kb / 28P
3-1/2 Digit Analog-to-Digital Converters
11/29/12
TC7107RCPL MICROCHIP-TC7107RCPL Datasheet
411Kb / 34P
3-1/2 Digit Analog-to-Digital Converters
01/02/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com