Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7126 Datasheet(PDF) 14 Page - Microchip Technology

Part # TC7126
Description  3-1/2 Digit Analog-to-Digital Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7126 Datasheet(HTML) 14 Page - Microchip Technology

Back Button TC7126 Datasheet HTML 10Page - Microchip Technology TC7126 Datasheet HTML 11Page - Microchip Technology TC7126 Datasheet HTML 12Page - Microchip Technology TC7126 Datasheet HTML 13Page - Microchip Technology TC7126 Datasheet HTML 14Page - Microchip Technology TC7126 Datasheet HTML 15Page - Microchip Technology TC7126 Datasheet HTML 16Page - Microchip Technology TC7126 Datasheet HTML 17Page - Microchip Technology TC7126 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
TC7126/A
DS21458C-page 14
© 2006 Microchip Technology Inc.
7.0
DEVICE PIN FUNCTIONAL
DESCRIPTION
(Pin Numbers Refer to the 40-Pin PDIP.)
7.1
Differential Signal Inputs
VIN+ (Pin 31), VIN- (Pin 30)
The TC7126A is designed with true differential inputs
and accepts input signals within the input stage
Common mode voltage range (VCM). Typical range is
V+ – 1V to V- + 1V. Common mode voltages are
removed from the system when the TC7126A operates
from a battery or floating power source (isolated from
measured system), and VIN- is connected to analog
common (VCOM) (see Figure 7-2).
In systems where Common mode voltages exist, the
TC7126A’s 86 dB Common mode rejection ratio
minimizes error. Common mode voltages do, however,
affect the integrator output level. A worst-case condi-
tion exists if a large positive VCM exists in conjunction
with a full scale negative differential signal. The
negative signal drives the integrator output positive
along with VCM (see Figure 7-1). For such applications,
the integrator output swing can be reduced below the
recommended 2V full scale swing. The integrator
output will swing within 0.3V of V+ or V- without
increased linearity error.
FIGURE 7-1:
Common Mode Voltage
Reduces Available Integrator Swing (V
COM ≠ VIN)
7.2
Differential Reference
VREF+ (Pin 36), VREF- (Pin 35)
The reference voltage can be generated anywhere
within the V+ to V- power supply range.
To prevent rollover type errors being induced by large
Common mode voltages, CREF should be large
compared to stray node capacitance.
The TC7126A offers a significantly improved analog
common
temperature
coefficient.
This
potential
provides a very stable voltage, suitable for use as a ref-
erence. The temperature coefficient of analog common
is typically 35ppm/°C for the TC7126A and 80 ppm/°C
for the TC7126.
FIGURE 7-2:
Common Mode Voltage Removed in Battery Operation with V
IN = Analog Common
RI
+
–
VIN
CI
Integrator
VI =
[
[
VCM – VIN
Input
Buffer
CI = Integration capacitor
RI = Integration resistor
4000
FOSC
tI = Integration time =
Where:
VI
–
+
–
+
tI
RI CI
VCM
VBUFF
CAZ
VINT
BP
POL
Segment
Drive
OSC1
OSC3
OSC2
V-
V+
VREF+
VREF-
ANALOG
COMMON
V-
V+
V-
V+
GND
GND
Measured
System
Power
Source
9V
LCD
TC7126A
+
VIN-
VIN+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com