Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7126 Datasheet(PDF) 17 Page - Microchip Technology

Part # TC7126
Description  3-1/2 Digit Analog-to-Digital Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7126 Datasheet(HTML) 17 Page - Microchip Technology

Back Button TC7126 Datasheet HTML 13Page - Microchip Technology TC7126 Datasheet HTML 14Page - Microchip Technology TC7126 Datasheet HTML 15Page - Microchip Technology TC7126 Datasheet HTML 16Page - Microchip Technology TC7126 Datasheet HTML 17Page - Microchip Technology TC7126 Datasheet HTML 18Page - Microchip Technology TC7126 Datasheet HTML 19Page - Microchip Technology TC7126 Datasheet HTML 20Page - Microchip Technology TC7126 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
© 2006 Microchip Technology Inc.
DS21458C-page 17
TC7126/A
The display will over range for RUNKNOWN ≥ 2 x
RSTANDARD (see Figure 8-2).
FIGURE 8-2:
Low Parts Count
Ratiometric Resistance Measurement
FIGURE 8-3:
3-1/2 Digit True RMS AC DMM
VREF+
VREF-
VIN+
VIN-
ANALOG
COMMON
TC7126A
LCD
RSTANDARD
RUNKNOWN
V+
8
14
7
13
12
11
10
9
1
2
3
4
5
6
TC7126A
9V
VIN
9M
Ω
900k
Ω
90k
Ω
10k
Ω
2V
20V
200V
200mV
1N4148
10M
Ω
1M
Ω
0.02
μF
1M
Ω 10%
47k
Ω
1
Ω
10%
20k
Ω
10%
6.8
μF
1
μF
COM
C1 = 3pF to 10pF, Variable
C2 = 132pF, Variable
+
+
AD636
2.2
μF
0.01
μF
10k
Ω
240k
Ω
Segment
Drive
LCD
39
40
28
27
38
29
26
1
35
32
31
30
26
36
BP
V+
V-
VREF+
VREF-
ANALOG
COMMON
V IN+
VOUT+
V-
C1
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com