Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7116 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC7116
Description  3-1/2 Digit Analog-to-Digital Converters with Hold
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7116 Datasheet(HTML) 5 Page - Microchip Technology

  TC7116 Datasheet HTML 1Page - Microchip Technology TC7116 Datasheet HTML 2Page - Microchip Technology TC7116 Datasheet HTML 3Page - Microchip Technology TC7116 Datasheet HTML 4Page - Microchip Technology TC7116 Datasheet HTML 5Page - Microchip Technology TC7116 Datasheet HTML 6Page - Microchip Technology TC7116 Datasheet HTML 7Page - Microchip Technology TC7116 Datasheet HTML 8Page - Microchip Technology TC7116 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
© 2006 Microchip Technology Inc.
DS21457C-page 5
TC7116/A/TC7117/A
TCSF
Scale Factor Temperature Coefficient
—
1
5
ppm/°C
VIN = 199mV,
“C” Device = 0°C to +70°C
(Ext. Ref = 0ppm°C)
—
—
20
ppm/°C
“I” Device = -25°C to +85°C
Input Resistance, Pin 1
30
70
—
k
Ω
(Note 5)
VIL, Pin 1
—
—
Test + 1.5
V
TC7116/A Only
VIL, Pin 1
—
—
GND + 1.5
V
TC7117/A Only
VIH, Pin 1
V+ - 1.5
—
—
V
Both
IDD
Supply Current (Does not Include LED
Current for TC7117/A)
—0.8
1.8
mA
VIN = 0V
VC
Analog Common Voltage
(with Respect to Positive Supply)
2.4
3.05
3.35
V
25k
Ω Between Common
and Positive Supply
VCTC
Temperature Coefficient of Analog
Common (with Respect to Positive
Supply)
——
20
80
—
50
—
—
ppm/°C
ppm/°C
“C” Device: 0°C to +70°C
TC7116A/TC7117A
TC7116/TC7117
VSD
TC7116/TC7117A ONLY Peak to Peak
Segment Drive Voltage
4
5
6
V
V+ to V- = 9V
(Note 4)
VBD
TC7116A/TC7116A ONLY Peak to
Peak
Backplane Drive Voltage
4
5
6
V
V+ to V- = 9V
(Note 4)
TC7117/TC7117A ONLY
Segment Sinking Current
(Except Pin 19)
5
8
—
mA
V+ = 5.0V
Segment Voltage = 3V
TC7117/TC7117A ONLY
Segment Sinking Current (Pin 19 Only)
10
16
—
mA
V+ = 5.0V
Segment Voltage = 3V
TABLE 1-1:
TC7116/A AND TC7117/A ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: Unless otherwise noted, specifications apply to both the TC7116/A and TC7117/A at TA = 25°C,
fCLOCK = 48kHz. Parts are tested in the circuit of the Typical Operating Circuit.
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
Note
1:
Input voltages may exceed the supply voltages provided the input current is limited to ±100
μA.
2: Dissipation rating assumes device is mounted with all leads soldered to printed circuit board.
3: Refer to “Differential Input” discussion.
4: Backplane drive is in phase with segment drive for “OFF” segment, 180° out of phase for “ON” segment. Frequency is
20 times conversion rate. Average DC component is less than 50mV.
5: The TC7116/TC7116A logic inputs have an internal pull-down resistor connected from HLDR, Pin 1 to TEST, Pin 37. The
TC7117/TC7117A logic inputs have an internal pull-down resistor connected from HLDR, Pin 1 to GND, Pin 21.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com