Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7116 Datasheet(PDF) 13 Page - Microchip Technology

Part # TC7116
Description  3-1/2 Digit Analog-to-Digital Converters with Hold
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7116 Datasheet(HTML) 13 Page - Microchip Technology

Back Button TC7116 Datasheet HTML 9Page - Microchip Technology TC7116 Datasheet HTML 10Page - Microchip Technology TC7116 Datasheet HTML 11Page - Microchip Technology TC7116 Datasheet HTML 12Page - Microchip Technology TC7116 Datasheet HTML 13Page - Microchip Technology TC7116 Datasheet HTML 14Page - Microchip Technology TC7116 Datasheet HTML 15Page - Microchip Technology TC7116 Datasheet HTML 16Page - Microchip Technology TC7116 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
© 2006 Microchip Technology Inc.
DS21457C-page 13
TC7116/A/TC7117/A
5.0
TC7117/TC7117A POWER
SUPPLIES
The TC7117/TC7117A are designed to operate from
±5V supplies. However, if a negative supply is not avail-
able, it can be generated with a TC7660 DC-to-DC con-
verter and two capacitors. Figure 5-1 shows this
application.
In selected applications, a negative supply is not
required. The conditions for using a single +5V supply
are:
1.
The input signal can be referenced to the center
of the Common mode range of the converter.
2.
The signal is less than ±1.5V.
3.
An external reference is used.
FIGURE 5-1:
Negative Power Supply
Generation with TC7660
VREF+
V+
TC7117
TC7117A
36
10
μF
VIN+
VIN-
COM
GND
32
31
30
21
10
μF
VIN
V-
(-5V)
5
3
8
2
4
+5V
35
TC7660
26
+
+
+
–
LED
Drive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com