Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7116 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC7116
Description  3-1/2 Digit Analog-to-Digital Converters with Hold
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7116 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC7116 Datasheet HTML 3Page - Microchip Technology TC7116 Datasheet HTML 4Page - Microchip Technology TC7116 Datasheet HTML 5Page - Microchip Technology TC7116 Datasheet HTML 6Page - Microchip Technology TC7116 Datasheet HTML 7Page - Microchip Technology TC7116 Datasheet HTML 8Page - Microchip Technology TC7116 Datasheet HTML 9Page - Microchip Technology TC7116 Datasheet HTML 10Page - Microchip Technology TC7116 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
© 2006 Microchip Technology Inc.
DS21457C-page 7
TC7116/A/TC7117/A
34
42
CREF+A 0.1μF capacitor is used in most applications. If a large Common mode voltage
exists (for example, the VIN- pin is not at analog common), and a 200mV scale is
used, a 1
μF capacitor is recommended and will hold the rollover error to
0.5 count.
35
43
V+
Positive Power Supply Voltage.
36
44
VREF+
The analog input required to generate a full scale output (1999 counts). Place
100mV between Pins 32 and 36 for 199.9mV full scale. Place 1V between
Pins 35 and 36 for 2V full scale. See Section 4.6 “Reference Voltage”, Refer-
ence Voltage.
37
3
TEST
Lamp test. When pulled HIGH (to V+), all segments will be turned on and the dis-
play should read -1888. It may also be used as a negative supply for externally
generated decimal points. See Section 3.1.7 “Test”, TEST for additional infor-
mation.
38
4
OSC3
See Pin 40.
39
6
OSC2
See Pin 40.
40
7
OSC1
Pins 40, 39, 38 make up the oscillator section. For a 48kHz clock (3 readings per
section), connect Pin 40 to the junction of a 100k
Ω resistor and a 100pF capaci-
tor. The 100k
Ω resistor is tied to Pin 39 and the 100pF capacitor is tied to Pin 38.
TABLE 2-1:
PIN FUNCTION TABLE (CONTINUED)
Pin Number
(40-Pin PDIP)
(40-Pin CERDIP)
Pin Number
(44-Pin PQFP)
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com