Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7129 Datasheet(PDF) 21 Page - Microchip Technology

Part # TC7129
Description  4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7129 Datasheet(HTML) 21 Page - Microchip Technology

Back Button TC7129 Datasheet HTML 17Page - Microchip Technology TC7129 Datasheet HTML 18Page - Microchip Technology TC7129 Datasheet HTML 19Page - Microchip Technology TC7129 Datasheet HTML 20Page - Microchip Technology TC7129 Datasheet HTML 21Page - Microchip Technology TC7129 Datasheet HTML 22Page - Microchip Technology TC7129 Datasheet HTML 23Page - Microchip Technology TC7129 Datasheet HTML 24Page - Microchip Technology TC7129 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
© 2006 Microchip Technology Inc.
DS21459D-page 21
TC7129
44-Lead Plastic Quad Flatpack (KW) 10x10x2.0 mm Body, 1.95/0.25 mm Lead Form (PQFP)
CHAMFER VARIES
D
E1
E
p
c
B
D1
n
L
2
1
F
A1
A
A2
α
β
φ
1.95 REF.
.077 REF.
F
Footprint
Units
INCHES
MILLIMETERS*
Dimension Limits
MIN
NOM
MAX
MIN
NOM
MAX
Number of Pins
n
44
44
Pitch
p
.031 BSC
0.80 BSC
Overall Height
A
-
-
.096
-
-
2.45
Molded Package Thickness
A2
.077
.079
.083
1.95
2.00
2.10
Standoff
§
A1
.010
-
-
0.25
-
-
Foot Length
L
.029
.035
.041
0.73
0.88
1.03
Foot Angle
φ
3.5°
3.5°
Overall Width
E
.547 BSC
13.90 BSC
Overall Length
D
.547 BSC
13.90 BSC
Molded Package Width
E1
.394 BSC
10.00 BSC
Molded Package Length
D1
.394 BSC
10.00 BSC
Lead Thickness
c
.004
-
.009
0.11
-
0.23
Lead Width
B
.012
-
.018
0.30
-
0.45
Mold Draft Angle Top
α
-
16°
-
16°
Mold Draft Angle Bottom
β
-
16°
-
16°
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or protrusions shall not exceed .010" (0.254mm) per side.
Notes:
JEDEC Equivalent: MO-112 AA-1
Revised 07-21-05
* Controlling Parameter
§ Significant Characteristic
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
REF: Reference Dimension, usually without tolerance, for information purposes only.
See ASME Y14.5M
See ASME Y14.5M
Drawing No. C04-119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com