Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7129 Datasheet(PDF) 8 Page - Microchip Technology

Part # TC7129
Description  4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7129 Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC7129 Datasheet HTML 4Page - Microchip Technology TC7129 Datasheet HTML 5Page - Microchip Technology TC7129 Datasheet HTML 6Page - Microchip Technology TC7129 Datasheet HTML 7Page - Microchip Technology TC7129 Datasheet HTML 8Page - Microchip Technology TC7129 Datasheet HTML 9Page - Microchip Technology TC7129 Datasheet HTML 10Page - Microchip Technology TC7129 Datasheet HTML 11Page - Microchip Technology TC7129 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
TC7129
DS21459D-page 8
© 2006 Microchip Technology Inc.
Figure 3-1:
Standard Circuit.
3.3
Integrating Capacitor (CINT)
The charge stored in the integrating capacitor during
the integrate phase is directly proportional to the input
voltage. The primary selection criterion for CINT is to
choose a value that gives the highest voltage swing
while remaining within the high-linearity portion of the
integrator output range. An integrator swing of 2V is the
recommended value. The capacitor value can be
calculated using the following equation:
EQUATION 3-1:
Using the values derived above (assuming 60 Hz
operation), the equation becomes:
EQUATION 3-2:
The capacitor should have low dielectric absorption to
ensure good integration linearity. Polypropylene and
Teflon® capacitors are usually suitable. A good
measurement of the dielectric absorption is to connect
the
reference
capacitor
across
the
inputs
by
connecting:
Pin-to-Pin:
20
→ 33 (CREF+ to IN HI)
30
→ 32 (CREF– to IN LO)
A reading between 10,000 and 9998 is acceptable;
anything lower indicates unacceptably high dielectric
absorption.
3.4
Reference Capacitor (CREF)
The reference capacitor stores the reference voltage
during several phases of the measurement cycle. Low
leakage is the primary selection criterion for this com-
ponent. The value must be high enough to offset the
effect of stray capacitance at the capacitor terminals. A
value of at least 1
μF is recommended.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
9V
+
Low Battery
Continuity
V+
5 pF
120
kHz
10 pF
0.1 µF
20
k
Ω
0.1
µF
100 k
Ω
CINT
0.1 µF
V+
VIN
–
+
330 k
Ω
Crystal
RO
CO2
CRF
DREF
RREF
CIF
RIF
CREF+
1 µF
10 k
Ω
RBIAS
150 k
Ω
RINT
Display Drive Outputs
TC7129
CO1
CINT =
tINT x IINT
VSWING
Where tINT is the integration time.
CINT =
= 0.1
μA
16.7 msec x 13.3
μA
2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com