Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7129 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC7129
Description  4-1/2 Digit Analog-to-Digital Converters with On-Chip LCD Drivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7129 Datasheet(HTML) 4 Page - Microchip Technology

  TC7129 Datasheet HTML 1Page - Microchip Technology TC7129 Datasheet HTML 2Page - Microchip Technology TC7129 Datasheet HTML 3Page - Microchip Technology TC7129 Datasheet HTML 4Page - Microchip Technology TC7129 Datasheet HTML 5Page - Microchip Technology TC7129 Datasheet HTML 6Page - Microchip Technology TC7129 Datasheet HTML 7Page - Microchip Technology TC7129 Datasheet HTML 8Page - Microchip Technology TC7129 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
TC7129
DS21459D-page 4
© 2006 Microchip Technology Inc.
Power
VCOM
Common Voltage
2.8
3.2
3.5
V
V+ to pin 28
Common Sink Current
—
0.6
—
mA
ΔCommon = +0.1V
Common Source Current
—
10
—
μA
ΔCommon = -0.1V
DGND
Digital Ground Voltage
4.5
5.3
5.8
V
V+ to pin 36, V+ to V– = 9V
Sink Current
—
1.2
—
mA
ΔDGND = +0.5V
Supply Voltage Range
6
9
12
V
V+ to V–
IS
Supply Current Excluding
Common Current
—
0.8
1.3
mA
V+ to V– = 9V
fCLK
Clock Frequency
—
120
360
kHz
VDISP Resistance
—
50
—
k
Ω
VDISP to V+
Low Battery Flag Activation
Voltage
6.3
7.2
7.7
V
V+ to V–
Digital
Continuity Comparator Threshold
Voltages
100
200
—
mV
VOUT pin 27 = High
—
200
400
mV
VOUT pin 27 = Low
Pull-down Current
—
2
10
μA
Pins 37, 38, 39
“Weak Output” Current
Sink/Source
—
3/3
—
μA
Pins 20, 21 sink/source
—
3/9
—
μA
Pin 27 sink/source
Pin 22 Source Current
—
40
—
μA
Pin 22 Sink Current
—
3
—
μA
TC7129 ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: V+ to V– = 9V, VREF = 1V, TA = +25°C, fCLK = 120 kHz, unless otherwise indicated.
Pin numbers refer to 40-pin DIP.
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
Note 1:
Input voltages may exceed supply voltages, provided input current is limited to ±400
μA. Currents above
this value may result in invalid display readings, but will not destroy the device if limited to ±1 mA.
Dissipation ratings assume device is mounted with all leads soldered to printed circuit board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com