Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L052R8 Datasheet(PDF) 97 Page - STMicroelectronics

Part # STM8L052R8
Description  Value Line, 8-bit ultralow power MCU, 64-KB Flash,256-byte data EEPROM, RTC, LCD, timers, USART, I2C, SPI, ADC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L052R8 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button STM8L052R8 Datasheet HTML 93Page - STMicroelectronics STM8L052R8 Datasheet HTML 94Page - STMicroelectronics STM8L052R8 Datasheet HTML 95Page - STMicroelectronics STM8L052R8 Datasheet HTML 96Page - STMicroelectronics STM8L052R8 Datasheet HTML 97Page - STMicroelectronics STM8L052R8 Datasheet HTML 98Page - STMicroelectronics STM8L052R8 Datasheet HTML 99Page - STMicroelectronics STM8L052R8 Datasheet HTML 100Page - STMicroelectronics STM8L052R8 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 109 page
background image
STM8L052R8
Electrical parameters
Doc ID023337 Rev 2
97/109
tS
Sampling time
VAIN PF0/1/2/3 fast
channels
VDDA < 2.4 V
0.43(3)(4)
µs
VAIN PF0/1/2/3 fast
channels
2.4 V
≤ VDDA≤ 3.6 V
0.22(3)(4)
µs
VAIN on slow channels
VDDA < 2.4 V
0.86(3)(4)
µs
VAIN on slow channels
2.4 V
≤ VDDA≤ 3.6 V
0.41(3)(4)
µs
tconv
12-bit conversion time
12 + tS
1/fADC
16 MHz
1(3)
µs
tWKUP
Wakeup time from OFF
state
3µs
tIDLE
(5)
Time before a new
conversion
∞
s
tVREFINT
Internal reference
voltage startup time
refer to
Table 43
ms
1.
The current consumption through VREF is composed of two parameters:
- one constant (max 300 µA)
- one variable (max 400 µA), only during sampling time + 2 first conversion pulses.
So, peak consumption is 300+400 = 700 µA and average consumption is 300 + [(4 sampling + 2) /16] x 400 = 450 µA at
1Msps
2.
VREF- must be tied to ground.
3.
Minimum sampling and conversion time is reached for maximum RAIN= 0.5 kΩ..
4.
Value obtained for continuous conversion on fast channel.
5.
The time between 2 conversions, or between ADC ON and the first conversion must be lower than tIDLE.
Table 44.
ADC1 characteristics (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com