Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L052R8 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STM8L052R8
Description  Value Line, 8-bit ultralow power MCU, 64-KB Flash,256-byte data EEPROM, RTC, LCD, timers, USART, I2C, SPI, ADC
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L052R8 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STM8L052R8 Datasheet HTML 24Page - STMicroelectronics STM8L052R8 Datasheet HTML 25Page - STMicroelectronics STM8L052R8 Datasheet HTML 26Page - STMicroelectronics STM8L052R8 Datasheet HTML 27Page - STMicroelectronics STM8L052R8 Datasheet HTML 28Page - STMicroelectronics STM8L052R8 Datasheet HTML 29Page - STMicroelectronics STM8L052R8 Datasheet HTML 30Page - STMicroelectronics STM8L052R8 Datasheet HTML 31Page - STMicroelectronics STM8L052R8 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 109 page
background image
Pin description
STM8L052R8
28/109
Doc ID023337 Rev 2
16
PG2/USART3_CK
I/O FT(2)
X
XX
HS
X
X
Port G2
USART 3 synchronous
clock
17
PG3[TIM3_ETR]
I/O FT(2)
X
XX
HS
X
X
Port G3 [Timer 3 - trigger]
9VSSA/VREF-
S
Analog ground voltage /
ADC1 negative voltage reference
55
VDD2
S
IOs supply voltage
56
VSS2
S
IOs ground voltage
1
PA0(6)/[USART1_CK](8)/
SWIM/BEEP/IR_TIM (7)
I/O
X
X
X
HS
XX Port A0
[USART1 synchronous
clock](8) / SWIM input and
output /Beep output
/ Infrared Timer output
29
VDD3
S
IOs supply voltage
30
VSS3
S
IOs ground voltage
1.
At power-up, the PA1/NRST pin is a reset input pin with pull-up. To be used as a general purpose pin (PA1), it can be
configured only as output open-drain or push-pull, not as a general purpose input. Refer to Section Configuring NRST/PA1
pin as general purpose output in the STM8L15x and STM8L16x reference manual (RM0031).
2.
In the 5 V tolerant I/Os, protection diode to VDD is not implemented.
3.
A pull-up is applied to PB0 and PB4 during the reset phase. These two pins are input floating after reset release.
4.
In the open-drain output column, ‘T’ defines a true open-drain I/O (P-buffer, weak pull-up and protection diode to VDD are
not implemented).
5.
SEG/COM multiplexing available on medium+ and high density devices. SEG signals are available by default (see
reference manual for details).
6.
The PA0 pin is in input pull-up during the reset phase and after reset release.
7.
High Sink LED driver capability available on PA0.
8.
[ ] Alternate function remapping option (if the same alternate function is shown twice, it indicates an exclusive choice not a
duplication of the function).
Table 4.
High density value line STM8L05xxx pin description (continued)
Pin
number
Pin name
Input
Output
Default alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com