Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC962 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC962
Description  Precision Temperature-to-Voltage Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC962 Datasheet(HTML) 1 Page - Microchip Technology

  TC962_05 Datasheet HTML 1Page - Microchip Technology TC962_05 Datasheet HTML 2Page - Microchip Technology TC962_05 Datasheet HTML 3Page - Microchip Technology TC962_05 Datasheet HTML 4Page - Microchip Technology TC962_05 Datasheet HTML 5Page - Microchip Technology TC962_05 Datasheet HTML 6Page - Microchip Technology TC962_05 Datasheet HTML 7Page - Microchip Technology TC962_05 Datasheet HTML 8Page - Microchip Technology TC962_05 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 2006 Microchip Technology Inc.
DS21484C-page 1
TC962
Features:
• Pin Compatible With TC7662/ICL7662/SI7661
• High Output Current 80 mA
• No External Diodes Required
• Wide Operating Range 3V to 18V
• Low Output Impedance 28
Ω Typ.
• No Low Voltage Terminal Required
• Application Zener On-Chip
• OSC Frequency Doubling Pin Option for Smaller
Output Capacitors
Applications:
• Laptop Computers
•Disk Drives
• Process Instrumentation
•
μP-Based Controllers
Device Selection Table
General Description:
The TC962 is an advanced version of the industry
standard TC7662 high voltage DC-to-DC converter.
Using
improved
design
techniques
and
CMOS
construction, the TC962 can source as much as 80 mA
versus the 7662’s 20 mA capability.
As an inverter, the TC962 can put out voltages as high
as 18V and as low as 3V without the need for external
diodes. The output impedance of the device is a low
28
Ω (with the proper capacitors), voltage conversion
efficiency is 99.9%, and power conversion efficiency is
97%.
The low voltage terminal (pin 6) required in some
TC7662 applications has been eliminated. Grounding
this terminal will double the oscillator frequency from 12
kHz to 24 kHz. This will allow the use of smaller
capacitors for the same output current and ripple, in
most applications. Only two external capacitors are
required for inverter applications. In the event an
external clock is needed to drive the TC962 (such as
paralleling), driving this pin directly will cause the
internal oscillator to sync to the external clock.
Pin 1, which is used as a test pin on the 7662, is a
voltage reference Zener on the TC962. This Zener (6.4V
at 5 mA) has a dynamic impedance of 12
Ω and is
intended for use where the TC962 is supplying current to
external regulator circuitry and a reference is needed for
the regulator circuit. (See Section 3.0 “Applications
Information” Applications Information).
The TC962 is compatible with the LTC1044, SI7661
and ICL7662. It should be used in designs that require
greater power and/or less input to output voltage drop.
It offers superior performance over the ICL7660S.
Package Type
Part
Number
Package
Operating
Temp.
Range
TC962COE
16-Pin SOIC Wide
0°C to +70°C
TC962CPA
8-Pin Plastic DIP
0°C to +70°C
TC962EPA
8-Pin Plastic DIP
-40°C to +85°C
TC962IJA
8-Pin CERDIP
-25°C to +85°C
TC962MJA
8-Pin CERDIP
-55°C to +125°C
VDD
1
2
3
4
5
6
7
8
16
13
12
11
10
9
NC
GND
COSC
NC
15
14
NC
NC
NC
TC962COE
NC
NC
Zener
Cathode
NC
FREQ x 2
16-Pin SOIC Wide
C+
C–
VOUT
1
2
3
4
8
7
6
5
FREQ x 2
GND
TC962CPA
TC962EPA
TC962IJA
TC962MJA
C+
C–
VOUT
8-Pin CERDIP
8-Pin DIP
•
Zener
Cathode
COSC
VDD
High Current Charge Pump DC-to-DC Converter


Similar Part No. - TC962_05

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC962COE TELCOM-TC962COE Datasheet
74Kb / 5P
HIGH CURRENT CHARGE PUMP DC-TO-DC CONVERTER
logo
Microchip Technology
TC962COE MICROCHIP-TC962COE Datasheet
434Kb / 12P
High Current Charge Pump DC-to-DC Converter
2002
TC962COE MICROCHIP-TC962COE Datasheet
468Kb / 12P
High Current Charge Pump DC-to-DC Converter
2006
TC962COE MICROCHIP-TC962COE Datasheet
398Kb / 14P
High Current Charge Pump DC-to-DC Converter
11/29/12
logo
TelCom Semiconductor, I...
TC962CPA TELCOM-TC962CPA Datasheet
74Kb / 5P
HIGH CURRENT CHARGE PUMP DC-TO-DC CONVERTER
More results

Similar Description - TC962_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCT47 ONSEMI-NCT47 Datasheet
66Kb / 4P
High Precision Temperature-to-Voltage Converter
May, 2000 ??Rev. 0
logo
TelCom Semiconductor, I...
TC02 TELCOM-TC02 Datasheet
149Kb / 7P
PRECISION TEMPERATURE-TO-VOLTAGE CONVERTERS
logo
Burr-Brown (TI)
XTR110 BURR-BROWN-XTR110 Datasheet
148Kb / 9P
PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
logo
Microchip Technology
TC1046 MICROCHIP-TC1046 Datasheet
405Kb / 10P
High Precision Temperature-to-Voltage Converter
2002
TC1047 MICROCHIP-TC1047 Datasheet
410Kb / 12P
Precision Temperature-to-Voltage Converter
2002
logo
Texas Instruments
XTR110 TI1-XTR110 Datasheet
825Kb / 19P
PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
logo
Microchip Technology
TC1047 MICROCHIP-TC1047_13 Datasheet
168Kb / 12P
Precision Temperature-to-Voltage Converter
11/29/12
TC1046 MICROCHIP-TC1046_13 Datasheet
159Kb / 12P
High Precision Temperature-to-Voltage Converter
11/29/12
TC1047AVNBTR MICROCHIP-TC1047AVNBTR Datasheet
168Kb / 12P
Precision Temperature-to-Voltage Converter
11/29/12
TC1047VNBTR MICROCHIP-TC1047VNBTR Datasheet
140Kb / 12P
Precision Temperature-to-Voltage Converter
04/20/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com