Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1046 Datasheet (PDF) - Microchip Technology

TC1046 Datasheet PDF - Microchip Technology
Part # TC1046
Download  TC1046 Download
File Size   405.08 Kbytes
Page   10 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High Precision Temperature-to-Voltage Converter

TC1046 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC1046 Datasheet PDF - Microchip Technology

Part # TC1046
Download  TC1046 Click to download

File Size   405.08 Kbytes
Page   10 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High Precision Temperature-to-Voltage Converter

TC1046 Datasheet (HTML) - Microchip Technology


TC1046 Product details

General Description
The TC1046 is a linear output temperature sensor whose output voltage is directly proportional to measured temperature. The TC1046 can accurately measure temperature from -40°C to +125°C.

Features
• Supply Voltage Range: 2.7V to 4.4V
• Wide Temperature Measurement Range: -40°C to +125°C
• High Temperature Converter Accuracy: ± 2°C, Max, at 25°C
• Linear Temperature Slope: 6.25mV/oC
• Very Low Supply Current: 35A Typical
• Small 3-Pin SOT-23B Package

Applications
• Cellular Phones
• Power Supply Thermal Shutdown
• Temperature Controlled Fans
• Temperature Measurement/Instrumentation
• Temperature Regulators
• Consumer Electronics
• Portable Battery Powered Equipment




Similar Part No. - TC1046

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1046 MICROCHIP-TC1046 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
TC1046 MICROCHIP-TC1046 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
TC1046VNB MICROCHIP-TC1046VNB Datasheet
159Kb / 12P
High Precision Temperature-to-Voltage Converter
11/29/12
TC1046 MICROCHIP-TC1046_13 Datasheet
159Kb / 12P
High Precision Temperature-to-Voltage Converter
11/29/12
More results


Similar Description - TC1046

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCT47 ONSEMI-NCT47 Datasheet
66Kb / 4P
High Precision Temperature-to-Voltage Converter
May, 2000 ??Rev. 0
logo
TelCom Semiconductor, I...
TC02 TELCOM-TC02 Datasheet
149Kb / 7P
PRECISION TEMPERATURE-TO-VOLTAGE CONVERTERS
logo
Burr-Brown (TI)
XTR110 BURR-BROWN-XTR110 Datasheet
148Kb / 9P
PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
logo
Microchip Technology
TC1047 MICROCHIP-TC1047 Datasheet
410Kb / 12P
Precision Temperature-to-Voltage Converter
2002
logo
List of Unclassifed Man...
TSL253 ETC-TSL253 Datasheet
97Kb / 8P
PRECISION HIGHSPEED LIGHTTOVOLTAGE CONVERTER
logo
Microchip Technology
TC962 MICROCHIP-TC962_05 Datasheet
468Kb / 12P
Precision Temperature-to-Voltage Converter
2006
TC1047 MICROCHIP-TC1047_13 Datasheet
168Kb / 12P
Precision Temperature-to-Voltage Converter
11/29/12
TC1046 MICROCHIP-TC1046_13 Datasheet
159Kb / 12P
High Precision Temperature-to-Voltage Converter
11/29/12
TC1047AVNBTR MICROCHIP-TC1047AVNBTR Datasheet
168Kb / 12P
Precision Temperature-to-Voltage Converter
11/29/12
TC1047VNBTR MICROCHIP-TC1047VNBTR Datasheet
140Kb / 12P
Precision Temperature-to-Voltage Converter
04/20/05
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com