Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1046 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC1046
Description  High Precision Temperature-to-Voltage Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1046 Datasheet(HTML) 5 Page - Microchip Technology

  TC1046 Datasheet HTML 1Page - Microchip Technology TC1046 Datasheet HTML 2Page - Microchip Technology TC1046 Datasheet HTML 3Page - Microchip Technology TC1046 Datasheet HTML 4Page - Microchip Technology TC1046 Datasheet HTML 5Page - Microchip Technology TC1046 Datasheet HTML 6Page - Microchip Technology TC1046 Datasheet HTML 7Page - Microchip Technology TC1046 Datasheet HTML 8Page - Microchip Technology TC1046 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
© 2002 Microchip Technology Inc
DS21496B-page 5
TC1046
5.0
PACKAGING INFORMATION
5.1
Package Marking Information
1 & 2 = part number code + temperature range and
voltage (two letter code)
Ex: 1046VNB = AK
3 = Year and two-month period code
4 = Lot ID number
5.2
Taping Form
Component Taping Orientation for 3-Pin SOT-23B (JEDEC TO-236) Devices
User Direction of Feed
Device
Marking
PIN 1
Standard Reel Component Orientation
For TR Suffix Device
(Mark Right Side Up)
W
P
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
3-Pin SOT-23B
8 mm
4 mm
3000
7 in
Carrier Tape, Number of Components Per Reel and Reel Size



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com