Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1046 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC1046
Description  High Precision Temperature-to-Voltage Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1046 Datasheet(HTML) 1 Page - Microchip Technology

  TC1046 Datasheet HTML 1Page - Microchip Technology TC1046 Datasheet HTML 2Page - Microchip Technology TC1046 Datasheet HTML 3Page - Microchip Technology TC1046 Datasheet HTML 4Page - Microchip Technology TC1046 Datasheet HTML 5Page - Microchip Technology TC1046 Datasheet HTML 6Page - Microchip Technology TC1046 Datasheet HTML 7Page - Microchip Technology TC1046 Datasheet HTML 8Page - Microchip Technology TC1046 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2002 Microchip Technology Inc.
DS21496B-page 1
TC1046
Features
• Supply Voltage Range: 2.7V to 4.4V
• Wide Temperature Measurement Range:
-40oCto+125οC
• High Temperature Converter Accuracy:
±2oC, Max, at 25°C
• Linear Temperature Slope: 6.25mV/oC
• Very Low Supply Current: 35
µATypical
• Small 3-Pin SOT-23B Package
Applications
• Cellular Phones
• Power Supply Thermal Shutdown
• Temperature Controlled Fans
• Temperature Measurement/Instrumentation
• Temperature Regulators
• Consumer Electronics
• Portable Battery Powered Equipment
Device Selection Table
Package Type
General Description
The TC1046 is a linear output temperature sensor
whose output voltage is directly proportional to
measured temperature. The TC1046 can accurately
measure temperature from -40°C to +125°C.
The output voltage range for these devices is typically
174mV at -40°C, 424mV at 0°C, 580 mV at +25°C, and
1205mV at +125°C. A 6.25mV/°C voltage slope allows
for the wide temperature range.
The TC1046 is packaged in a 3-Pin SOT-23B package,
making them ideal for space critical applications.
Functional Block Diagram
Part Number
Package
Temp. Range
TC1046VNB
3-Pin SOT-23B
-40°C to +125°C
Note: *3-Pin SOT-23B is equivalent to JEDEC TO-236
VOUT
VSS
VDD
3-Pin SOT-23B*
TC1046
1
2
3
TC1046
VDD = 2.5V to 5.5V
VDD
1
2
3
VOUT
PICmicro®
A/D
Converter
VSS
Microcontroller
High Precision Temperature-to-Voltage Converter


Similar Part No. - TC1046

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC1046 MICROCHIP-TC1046 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
TC1046 MICROCHIP-TC1046 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
TC1046VNB MICROCHIP-TC1046VNB Datasheet
159Kb / 12P
High Precision Temperature-to-Voltage Converter
11/29/12
TC1046 MICROCHIP-TC1046_13 Datasheet
159Kb / 12P
High Precision Temperature-to-Voltage Converter
11/29/12
More results

Similar Description - TC1046

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCT47 ONSEMI-NCT47 Datasheet
66Kb / 4P
High Precision Temperature-to-Voltage Converter
May, 2000 ??Rev. 0
logo
TelCom Semiconductor, I...
TC02 TELCOM-TC02 Datasheet
149Kb / 7P
PRECISION TEMPERATURE-TO-VOLTAGE CONVERTERS
logo
Burr-Brown (TI)
XTR110 BURR-BROWN-XTR110 Datasheet
148Kb / 9P
PRECISION VOLTAGE-TO-CURRENT CONVERTER/TRANSMITTER
logo
Microchip Technology
TC1047 MICROCHIP-TC1047 Datasheet
410Kb / 12P
Precision Temperature-to-Voltage Converter
2002
logo
List of Unclassifed Man...
TSL253 ETC-TSL253 Datasheet
97Kb / 8P
PRECISION HIGHSPEED LIGHTTOVOLTAGE CONVERTER
logo
Microchip Technology
TC962 MICROCHIP-TC962_05 Datasheet
468Kb / 12P
Precision Temperature-to-Voltage Converter
2006
TC1047 MICROCHIP-TC1047_13 Datasheet
168Kb / 12P
Precision Temperature-to-Voltage Converter
11/29/12
TC1046 MICROCHIP-TC1046_13 Datasheet
159Kb / 12P
High Precision Temperature-to-Voltage Converter
11/29/12
TC1047AVNBTR MICROCHIP-TC1047AVNBTR Datasheet
168Kb / 12P
Precision Temperature-to-Voltage Converter
11/29/12
TC1047VNBTR MICROCHIP-TC1047VNBTR Datasheet
140Kb / 12P
Precision Temperature-to-Voltage Converter
04/20/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com