Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7660CPA Datasheet(PDF) 5 Page - Microchip Technology

Part # TC7660CPA
Description  5V To 짹10V Voltage Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7660CPA Datasheet(HTML) 5 Page - Microchip Technology

  TC7660CPA Datasheet HTML 1Page - Microchip Technology TC7660CPA Datasheet HTML 2Page - Microchip Technology TC7660CPA Datasheet HTML 3Page - Microchip Technology TC7660CPA Datasheet HTML 4Page - Microchip Technology TC7660CPA Datasheet HTML 5Page - Microchip Technology TC7660CPA Datasheet HTML 6Page - Microchip Technology TC7660CPA Datasheet HTML 7Page - Microchip Technology TC7660CPA Datasheet HTML 8Page - Microchip Technology TC7660CPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
© 2005 Microchip Technology Inc.
DS21486C-page 5
TCM680
3.0
PIN DESCRIPTION
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
First Charge Pump Capacitor (C1
-)
Negative connection for the charge pump capacitor
(flying capacitor) used to transfer charge from the input
source to a second charge pump capacitor. This
charge pump capacitor is used to double the input volt-
age and store the charge in the second charge pump
capacitor.
It is recommended that a low ESR (equivalent series
resistance) capacitor be used. Additionally, larger
values will lower the output resistance.
3.2
Second Charge Pump Capacitor
(C2
+)
Positive connection for the second charge pump
capacitor (flying capacitor) used to transfer charge from
the first charge pump capacitor to the output.
It is recommended that a low ESR (equivalent series
resistance) capacitor be used. Additionally, larger
values will lower the output resistance.
3.3
Second Charge Pump Capacitor
(C2
-)
Negative connection for the second charge pump
capacitor (flying capacitor) used to transfer charge from
the first charge pump capacitor to the output. Proper
orientation is imperative when using a polarized
capacitor.
3.4
Negative Output Voltage (VOUT
-)
Negative connection for the negative charge pump out-
put capacitor. The negative charge pump output capac-
itor supplies the output load during the first, third and
fourth phases of the switching cycle. During the second
phase of the switching cycle, charge is restored to the
negative charge pump output capacitor. The negative
output voltage magnitude is approximately twice the
input voltage.
It is recommended that a low ESR (equivalent series
resistance) capacitor be used. Additionally, larger
values will lower the output ripple.
3.5
Ground (GND)
Input zero volt reference.
3.6
Power Supply Input (VIN)
Positive power supply input voltage connection. It is
recommended that a low ESR (equivalent series resis-
tance) capacitor be used to bypass the power supply
input to ground (GND).
3.7
First Charge Pump Capacitor (C1
+)
Positive connection for the charge pump capacitor (fly-
ing capacitor) used to transfer charge from the input
source to a second charge pump capacitor. Proper
orientation is imperative when using a polarized
capacitor.
3.8
Positive Output Voltage (VOUT
+)
Positive connection for the positive charge pump out-
put capacitor. The positive charge pump output capac-
itor supplies the output load during the first, second and
third phases of the switching cycle. During the fourth
phase of the switching cycle, charge is restored to the
positive charge pump output capacitor. The positive
output voltage magnitude is approximately twice the
input voltage.
It is recommended that a low ESR (equivalent series
resistance) capacitor be used. Additionally, larger
values will lower the output ripple.
Pin No.
(8-Pin PDIP,
SOIC)
Symbol
Description
1C1
-
Input. First charge pump
capacitor. Negative
connection
2C2
+
Input. Second charge pump
capacitor. Positive
connection.
3C2
-
Input. Second charge pump
capacitor. Negative
connection.
4VOUT
-
Output. Negative Output
voltage
5
GND
Input. Ground connection.
6VIN
Input. Power supply.
7C1
+
Input. First charge pump
capacitor. Positive
connection.
8VOUT
+
Output. Positive Output
Voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com