Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7660CPA Datasheet(PDF) 9 Page - Microchip Technology

Part # TC7660CPA
Description  5V To 짹10V Voltage Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7660CPA Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC7660CPA Datasheet HTML 5Page - Microchip Technology TC7660CPA Datasheet HTML 6Page - Microchip Technology TC7660CPA Datasheet HTML 7Page - Microchip Technology TC7660CPA Datasheet HTML 8Page - Microchip Technology TC7660CPA Datasheet HTML 9Page - Microchip Technology TC7660CPA Datasheet HTML 10Page - Microchip Technology TC7660CPA Datasheet HTML 11Page - Microchip Technology TC7660CPA Datasheet HTML 12Page - Microchip Technology TC7660CPA Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
© 2005 Microchip Technology Inc.
DS21486C-page 9
TCM680
5.3
Paralleling Devices
To reduce the value of ROUT
- and R
OUT
+, multiple
TCM680 voltage converters can be connected in paral-
lel (Figure 5-2). The output resistance of both outputs
will be reduced, approximately, by a factor of n, where
n is the number of devices connected in parallel.
EQUATION
EQUATION
Each device requires its own pump capacitors, but all
devices may share the same reservoir capacitors. To
preserve ripple performance, the value of the reservoir
capacitors should be scaled according to the number of
devices connected in parallel.
5.4
Output Voltage Regulation
The outputs of the TCM680 can be regulated to provide
+5V from a 3V input source (Figure 5-3). The TCM680
performs voltage multiplication and inversion produc-
ing output voltages of, approximately, +6V. The
TCM680 outputs are regulated to +5V with the linear
regulators TC55 and TC59. The TC54 is a voltage
detector providing an indication that the input source is
low and that the outputs may fall out of regulation. The
input source to the TCM680 can vary from 2.8V to 5.5V
without adversely affecting the output regulation mak-
ing this application well suited for use with single cell
Li-Ion batteries or three alkaline or nickel based
batteries connected in series.
FIGURE 5-2:
Paralleling TCM680 for Lower Output Source Resistance.
ROUT
- = R
OUT
- (of TCM680)
n (number of devices)
ROUT
+ = R
OUT
+ (of TCM680)
n (number of devices)
10 µF
10 µF
22 µF
VIN
GND
GND
Supply
TCM680
TCM680
+
–
+
–
+
–
+
–
+
–
VIN
C1
+
C2
+
C1
-
C2
-
VOUT
-
VOUT
-
10 µF
10 µF
VIN
GND
C1
+
C2
+
C1
-
C2
-
Negative
Supply
Positive
22 µF
+
–
VOUT
+
VOUT
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com