Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7660CPA Datasheet(PDF) 6 Page - Microchip Technology

Part # TC7660CPA
Description  5V To 짹10V Voltage Converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7660CPA Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC7660CPA Datasheet HTML 2Page - Microchip Technology TC7660CPA Datasheet HTML 3Page - Microchip Technology TC7660CPA Datasheet HTML 4Page - Microchip Technology TC7660CPA Datasheet HTML 5Page - Microchip Technology TC7660CPA Datasheet HTML 6Page - Microchip Technology TC7660CPA Datasheet HTML 7Page - Microchip Technology TC7660CPA Datasheet HTML 8Page - Microchip Technology TC7660CPA Datasheet HTML 9Page - Microchip Technology TC7660CPA Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TCM680
DS21486C-page 6
© 2005 Microchip Technology Inc.
4.0
DETAILED DESCRIPTION
4.1
VOUT
- Charge Storage - Phase 1
The positive side of capacitors C1 and C2 are con-
nected to +5V at the start of this phase. C1
+ is then
switched to ground and the charge in C1
– is transferred
to C2
–. Since C
2
+ is connected to +5V, the voltage
potential across capacitor C2 is now 10V.
FIGURE 4-1:
Charge Pump - Phase 1.
4.2
VOUT
- Transfer - Phase 2
Phase two of the clock connects the negative terminal
of C2 to the VOUT
- storage capacitor C
3 and the positive
terminal of C2 to ground, transferring the generated
-10V to C3. Simultaneously, the positive side of capac-
itor C1 is switched to +5V and the negative side is
connected to ground.
FIGURE 4-2:
Charge Pump - Phase 2.
4.3
VOUT
+ Charge Storage - Phase 3
The third phase of the clock is identical to the first
phase – the charge stored in C1 produces -5V in the
negative terminal of C1, which is applied to the negative
side of capacitor C2. Since C2
+ is at +5V, the voltage
potential across C2 is 10V.
FIGURE 4-3:
Charge Pump - Phase 3.
4.4
VOUT
+ Transfer - Phase 4
The fourth phase of the clock connects the negative
terminal of C2 to ground and transfers the generated
10V across C2 to C4, the VOUT
+ storage capacitor.
Simultaneously, the positive side of capacitor C1 is
switched to +5V and the negative side is connected to
ground, and the cycle begins again.
FIGURE 4-4:
Charge Pump - Phase 4.
VOUT
-
VOUT
+
-5V
SW4
SW1
SW2
SW3
C4
+
–
+
+
–
–
+
–
VIN = +5V
C2
C3
C1
VOUT
-
VOUT
+
-5V
SW4
SW1
SW2
SW3
C4
+
–
+
+
–
–
+
–
+5V
C2
C3
C1
-10V
VOUT
-
VOUT
+
-5V
SW4
SW1
SW2
SW3
C4
+
–
+
+
–
–
+
–
VIN = +5V
C2
C3
C1
-10V
VOUT
-
VOUT
+
-5V
SW4
SW1
SW2
SW3
C4
+
–
+
+
–
–
+
–
+5V
C2
C3
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com