Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7768BSTZ Datasheet(PDF) 44 Page - Analog Devices

Part # AD7768BSTZ
Description  8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz Bandwidth
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7768BSTZ Datasheet(HTML) 44 Page - Analog Devices

Back Button AD7768BSTZ Datasheet HTML 40Page - Analog Devices AD7768BSTZ Datasheet HTML 41Page - Analog Devices AD7768BSTZ Datasheet HTML 42Page - Analog Devices AD7768BSTZ Datasheet HTML 43Page - Analog Devices AD7768BSTZ Datasheet HTML 44Page - Analog Devices AD7768BSTZ Datasheet HTML 45Page - Analog Devices AD7768BSTZ Datasheet HTML 46Page - Analog Devices AD7768BSTZ Datasheet HTML 47Page - Analog Devices AD7768BSTZ Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 106 page
background image
Data Sheet
AD7768/AD7768-4
THEORY OF OPERATION
analog.com
Rev. C | 44 of 106
Table 13. Sinc5 Filter Noise: Performance vs. Output Data Rate (VREF = 4.096 V)
Output Data Rate (kSPS)
−3 dB Bandwidth (kHz)
Shorted Input Dynamic Range (dB)
RMS Noise (µV)
128
26.112
114.55
5.43
64
13.056
117.61
3.82
32
6.528
120.61
2.71
16
3.264
123.52
1.93
8
1.632
126.39
1.39
Median Mode
128
26.112
111.53
7.68
64
13.056
114.75
5.3
32
6.528
117.81
3.72
16
3.264
120.82
2.64
8
1.632
123.82
1.87
4
0.816
126.79
1.33
Low Power Mode
32
6.528
111.57
7.65
16
3.264
114.82
5.26
8
1.632
117.88
3.7
4
0.816
120.9
2.61
2
0.408
123.91
1.85
1
0.204
126.89
1.31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com