Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7768BSTZ Datasheet(PDF) 58 Page - Analog Devices

Part # AD7768BSTZ
Description  8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz Bandwidth
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7768BSTZ Datasheet(HTML) 58 Page - Analog Devices

Back Button AD7768BSTZ Datasheet HTML 54Page - Analog Devices AD7768BSTZ Datasheet HTML 55Page - Analog Devices AD7768BSTZ Datasheet HTML 56Page - Analog Devices AD7768BSTZ Datasheet HTML 57Page - Analog Devices AD7768BSTZ Datasheet HTML 58Page - Analog Devices AD7768BSTZ Datasheet HTML 59Page - Analog Devices AD7768BSTZ Datasheet HTML 60Page - Analog Devices AD7768BSTZ Datasheet HTML 61Page - Analog Devices AD7768BSTZ Datasheet HTML 62Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 106 page
background image
Data Sheet
AD7768/AD7768-4
CIRCUIT INFORMATION
analog.com
Rev. C | 58 of 106
VCM
The AD7768/AD7768-4 provide a buffered common-mode voltage
output on Pin 59. This output can bias up analog input signals. By
incorporating the VCM buffer into the ADC, the AD7768/AD7768-4
reduce component count and board space. In pin control mode, the
VCM potential is fixed to (AVDD1 − AVSS)/2, and is enabled by
default.
In SPI control mode, configure the VCM potential using the general
configuration register (Register 0x05). The output can be enabled
or disabled, and set to (AVDD1 − AVSS)/2, 1.65 V, 2.14 V, or 2.5 V,
with respect to AVSS.
The VCM voltage output is associated with the Channel 0 circuitry.
If Channel 0 is put into standby mode, the VCM voltage output is
also disabled for maximum power savings. Channel 0 must be ena-
bled while VCM is being used externally to the AD7768/AD7768-4.
REFERENCE INPUT
The AD7768/AD7768-4 have two differential reference input pairs.
On the AD7768 REF1+ and REF1− are the reference inputs for
Channel 0 to Channel 3, and REF2+ and REF2− are for Channel
4 to Channel 7. On the AD7768-4 REF1+ and REF1− are the
reference inputs for Channel 0 and Channel 1, and REF2+ and
REF2− are for Channel 2 and Channel 3. The absolute input
reference voltage range is 1 V to AVDD1 − AVSS.
Like the analog inputs, the reference inputs have a precharge
buffer option. Each ADC has an individual buffer for each REFx+
and REFx−. The precharge buffers help reduce the burden on the
external reference circuitry.
In pin control mode, the reference precharge buffers are off by
default. In SPI control mode, the user can enable or disable the ref-
erence precharge buffers. In the case of unipolar analog supplies,
in SPI control mode, the user can achieve the best performance
and power efficiency by enabling only the REFx+ buffers. The
reference input current scales linearly with the modulator clock rate.
For 32 MHz MCLK and MCLK/4 fast mode, the differential input
current is ~72 µA/V per channel unbuffered, and ~16 µA/V per
channel with the precharge buffers enabled.
With the precharge buffers off, REFx+ = 5 V, and REFx− = 0 V,
REFx± = 5 V × 72 µA/V = 360 µA
With the precharge buffers on, REFx+ = 5 V, and REFx− = 0 V,
REFx± = 5 V × 16 µA/V = 80 µA
For the best performance and headroom, it is recommended to use
a 4.096 V reference such as the ADR444 or the ADR4540.
For the best performance at high sampling rates, it is recommended
to use an external reference drive amplifier such as the ADA4841-1
or the AD8031. See Figure 88 for the configuration diagram of the
reference connection.
Figure 88. Typical Reference Input Configuration Diagram
CLOCK SELECTION
The AD7768/AD7768-4 have an internal oscillator that is used for
initial power-up of the device. After the AD7768/AD7768-4 have
completed their start-up routine, the devices normally transfer con-
trol of the internal clocking to the externally applied MCLK. The
AD7768/AD7768-4 count the falling edges of the external MCLK
over a given number of internal clock cycles to determine if the
clock is valid and at least a frequency of 1.15 MHz. If there is a
fault with the external MCLK, the transfer of control does not occur,
the AD7768/AD7768-4 output an error in the status header, and the
clock error bit is set in the device status register. No conversion
data is output and a reset is required to exit this error state.
Three clock source input options are available to the AD7768/
AD7768-4: external CMOS, crystal oscillator, or LVDS. The clock
is selected on power-up and is determined by the state of the
CLK_SEL pin.
If CLK_SEL = 0, the CMOS clock option is selected and the clock is
applied to Pin 32 (Pin 31 is tied to DGND).
If CLK_SEL = 1, the crystal or LVDS option is selected and the
crystal or LVDS is applied to Pin 31 and Pin 32. The LVDS option
is available only in SPI control mode. Channel 4 on the AD7768
must be enabled in the channel standby register to use the crystal
because this is linked to the crystal excitation circuitry. On the
AD7768-4, Channel 2 must be enabled in the channel standby
register.
To enable the LVDS clock, there are two options. Set GPIO4
to an output, then writing to the LVDS bit field in the POWER_
CLOCK register enables the LVDS clock. Or, set GPIO4 to an
input. Then GPIO4 must be tied to Logic 0. An SPI write to Bit 3
of Register 0x04 enables the LVDS clock option and disables the
crystal excitation circuitry.
DIGITAL FILTERING
The AD7768/AD7768-4 offer two types of digital filters. In SPI
control mode, these filters can be chosen on a per channel basis.
In pin control mode, only one filter can be selected for all channels.
The digital filters available on the AD7768/AD7768-4 are as follows:
►
Sinc5 low latency filter, −3 dB at 0.204 × ODR
►
Wideband low ripple filter, −3 dB at 0.433 × ODR
Both filters can be operated in one of six different decimation rates,
allowing the user to choose the optimal input bandwidth and speed
of the conversion versus the desired power mode or resolution.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com