Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7768BSTZ Datasheet(PDF) 2 Page - Analog Devices

Part # AD7768BSTZ
Description  8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz Bandwidth
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7768BSTZ Datasheet(HTML) 2 Page - Analog Devices

  AD7768BSTZ Datasheet HTML 1Page - Analog Devices AD7768BSTZ Datasheet HTML 2Page - Analog Devices AD7768BSTZ Datasheet HTML 3Page - Analog Devices AD7768BSTZ Datasheet HTML 4Page - Analog Devices AD7768BSTZ Datasheet HTML 5Page - Analog Devices AD7768BSTZ Datasheet HTML 6Page - Analog Devices AD7768BSTZ Datasheet HTML 7Page - Analog Devices AD7768BSTZ Datasheet HTML 8Page - Analog Devices AD7768BSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 106 page
background image
Data Sheet
AD7768/AD7768-4
TABLE OF CONTENTS
analog.com
Rev. C | 2 of 106
Features................................................................ 1
Applications........................................................... 1
Functional Block Diagram......................................1
General Description...............................................4
Specifications........................................................ 5
1.8 V IOVDD Specifications............................. 12
Timing Specifications....................................... 16
1.8 V IOVDD Timing Specifications..................17
Absolute Maximum Ratings.................................21
Thermal Resistance......................................... 21
ESD Caution.....................................................21
Pin Configurations and Function Descriptions.....22
Typical Performance Characteristics................... 30
Terminology......................................................... 40
AC Common-Mode Rejection Ratio (AC
CMRR)........................................................... 40
Gain Error.........................................................40
Gain Error Drift................................................. 40
Integral Nonlinearity (INL) Error....................... 40
Intermodulation Distortion (IMD)...................... 40
Least Significant Bit (LSB)................................40
Offset Error.......................................................40
Power Supply Rejection Ratio (PSRR)............ 40
Signal-to-Noise Ratio (SNR)............................ 40
Signal-to-Noise-and-Distortion Ratio
(SINAD).......................................................... 40
Spurious-Free Dynamic Range (SFDR)...........40
Total Harmonic Distortion (THD)...................... 40
Theory of Operation.............................................41
Clocking, Sampling Tree, and Power Scaling.. 41
Noise Performance and Resolution..................43
Applications Information...................................... 45
Power Supplies................................................ 46
Device Configuration........................................47
Pin Control .......................................................47
SPI Control.......................................................50
SPI Control Functionality .................................51
SPI Control Mode Extra Diagnostic Features...54
Circuit Information............................................... 55
Core Signal Chain ........................................... 55
Analog Inputs................................................... 56
VCM................................................................. 58
Reference Input................................................58
Clock Selection.................................................58
Digital Filtering..................................................58
Decimation Rate Control.................................. 62
Antialiasing ......................................................63
Calibration........................................................ 64
Data Interface...................................................... 66
Setting the Format of Data Output................... 66
ADC Conversion Output: Header and Data..... 67
Functionality........................................................ 75
GPIO Functionality .......................................... 75
AD7768 Register Map Details (SPI Control)....... 76
AD7768 Register Map......................................76
Channel Standby Register............................... 78
Channel Mode A Register................................ 79
Channel Mode B Register................................ 80
Channel Mode Select Register.........................80
Power Mode Select Register............................81
General Device Configuration Register............81
Data Control: Soft Reset, Sync, and Single-
Shot Control Register..................................... 82
Interface Configuration Register.......................83
Digital Filter RAM Built In Self Test (BIST)
Register.......................................................... 83
Status Register.................................................84
Revision Identification Register........................ 84
GPIO Control Register..................................... 84
GPIO Write Data Register................................ 85
GPIO Read Data Register................................85
Analog Input Precharge Buffer Enable
Register Channel 0 to Channel 3 .................. 86
Analog Input Precharge Buffer Enable
Register Channel 4 to Channel 7 .................. 86
Positive Reference Precharge Buffer Enable
Register.......................................................... 87
Negative Reference Precharge Buffer
Enable Register..............................................87
Offset Registers................................................88
Gain Registers..................................................88
Sync Phase Offset Registers........................... 89
ADC Diagnostic Receive Select Register.........89
ADC Diagnostic Control Register..................... 90
Modulator Delay Control Register.................... 90
Chopping Control Register............................... 91
AD7768-4 Register Map Details (SPI Control).... 92
AD7768-4 Register Map...................................92
Channel Standby Register............................... 94
Channel Mode A Register................................ 95
Channel Mode B Register................................ 95
Channel Mode Select Register.........................96
Power Mode Select Register............................96
General Device Configuration Register............97
Data Control: Soft Reset, Sync, and Single-
Shot Control Register..................................... 97
Interface Configuration Register.......................98



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com