Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9913/PCBZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD9913/PCBZ
Description  Low Power 250 MSPS 10-Bit DAC 1.8 V CMOS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9913/PCBZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9913/PCBZ Datasheet HTML 21Page - Analog Devices AD9913/PCBZ Datasheet HTML 22Page - Analog Devices AD9913/PCBZ Datasheet HTML 23Page - Analog Devices AD9913/PCBZ Datasheet HTML 24Page - Analog Devices AD9913/PCBZ Datasheet HTML 25Page - Analog Devices AD9913/PCBZ Datasheet HTML 26Page - Analog Devices AD9913/PCBZ Datasheet HTML 27Page - Analog Devices AD9913/PCBZ Datasheet HTML 28Page - Analog Devices AD9913/PCBZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Data Sheet
AD9913
Rev. E | Page 25 of 32
REGISTER UPDATE (I/O UPDATE)
Functionality of the I/O UPDATE and SYNC_CLK
Data from a write sequence is stored in a buffer register (data
inactive). An active register exists for every buffer register. The
I/O update signal and SYNC_CLK are used to transfer the
contents from the buffer register into the active register.
I/O_UPDATE initiates the start of a buffer transfer. It can be
sent synchronously or asynchronously relative to the SYNC_CLK.
If the setup time between the two signals is met, then constant
latency (pipeline) to the DAC output exists. For example, if
constant propagation delay of phase offset changes via the SPI
or parallel port is desired, the setup time must be met,
otherwise, a time uncertainty of one SYNC_CLK period is present.
The I/O_UPDATE is sampled by the SYNC_CLK. Therefore,
I/O_UPDATE must have a minimum pulse width greater than one
SYNC_CLK period.
The timing diagram shown in Figure 35 depicts how data in the
buffer is transferred to the active registers. An I/O_UPDATE is
not required for every register write, it can be sent after
multiple register writes.
SYNC_CLK
AB
DATA IN
ACTIVE REGISTER
DATA IN
BUFFER REGISTER
I/O_UPDATE
THE DEVICE REGISTERS AN I/O UPDATE AT POINT A. THE DATA IS TRANSFERRED FROM
THE ASYNCHRONOUSLY LOADED I/O BUFFERS AT POINT B.
N – 1
N
N + 1
N
N + 1
N + 2
Figure 35. I/O Synchronization Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com