Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9913/PCBZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD9913/PCBZ
Description  Low Power 250 MSPS 10-Bit DAC 1.8 V CMOS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9913/PCBZ Datasheet(HTML) 3 Page - Analog Devices

  AD9913/PCBZ Datasheet HTML 1Page - Analog Devices AD9913/PCBZ Datasheet HTML 2Page - Analog Devices AD9913/PCBZ Datasheet HTML 3Page - Analog Devices AD9913/PCBZ Datasheet HTML 4Page - Analog Devices AD9913/PCBZ Datasheet HTML 5Page - Analog Devices AD9913/PCBZ Datasheet HTML 6Page - Analog Devices AD9913/PCBZ Datasheet HTML 7Page - Analog Devices AD9913/PCBZ Datasheet HTML 8Page - Analog Devices AD9913/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
Data Sheet
AD9913
Rev. E | Page 3 of 32
SPECIFICATIONS
ELECTRICAL SPECIFICATIONS
AVDD (1.8 V), DVDD (1.8 V), and DVDD_I/O = 1.8 V ± 5%, T = 25°C, RSET = 4.64 kΩ, DAC full-scale current = 2 mA, external
reference clock frequency = 250 MHz with REF_CLK multiplier disabled, unless otherwise noted.
Table 1.
Parameter
Conditions/Comments
Min
Typ
Max
Unit
REF_CLK INPUT CHARACTERISTICS
Frequency Range
REF_CLK Multiplier
Disabled
250
MHz
Enabled
250
MHz
REF_CLK Input Divider Frequency
Full temperature range
83
MHz
VCO Oscillation Frequency
VCO1
16
250
MHz
VCO2
100
250
MHz
PLL Lock Time
25 MHz reference clock, 10× PLL
60
μs
External Crystal Mode
25
MHz
CMOS Mode
VIH
0.9
V
VIL
0.65
V
Input Capacitance
3
pF
Input Impedance (Differential)
2.7
kΩ
Input Impedance (Single-Ended)
1.35
kΩ
Duty Cycle
45
55
%
REF_CLK Input Level
355
1000
mV p-p
DAC OUTPUT CHARACTERISTICS
Full-Scale Output Current
4.6
mA
Gain Error
−14
−6
%FS
Output Offset
+0.1
μA
Differential Nonlinearity
−0.4
+0.4
LSB
Integral Nonlinearity
−0.5
+0.5
LSB
AC Voltage Compliance Range
±400
mV
SPURIOUS-FREE DYNAMIC RANGE
Refer to Figure 6
SERIAL PORT TIMING CHARACTERISTICS
SCLK Frequency
32
MHz
SCLK Pulse Width
Low
17.5
ns
High
3.5
ns
SCLK Rise/Fall Time
2
ns
Data Setup Time to SCLK
5.5
ns
Data Hold Time to SCLK
0
ns
Data Valid Time in Read Mode
22
ns
PARALLEL PORT TIMING CHARACTERISTICS
PCLK Frequency
33
MHz
PCLK Pulse Width
Low
10
ns
High
20
ns
PCLK Rise/Fall Time
2
ns
Address/Data Setup Time to PCLK
3.0
ns
Address/Data Hold Time to PCLK
0.3
ns
Data Valid Time in Read Mode
8
ns
IO_UPDATE/PROFILE(2:0) TIMING
Setup Time to SYNC_CLK
0.5
ns
Hold Time to SYNC_CLK
1
SYNC_CLK cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com