Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9913/PCBZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD9913/PCBZ
Description  Low Power 250 MSPS 10-Bit DAC 1.8 V CMOS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9913/PCBZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9913/PCBZ Datasheet HTML 16Page - Analog Devices AD9913/PCBZ Datasheet HTML 17Page - Analog Devices AD9913/PCBZ Datasheet HTML 18Page - Analog Devices AD9913/PCBZ Datasheet HTML 19Page - Analog Devices AD9913/PCBZ Datasheet HTML 20Page - Analog Devices AD9913/PCBZ Datasheet HTML 21Page - Analog Devices AD9913/PCBZ Datasheet HTML 22Page - Analog Devices AD9913/PCBZ Datasheet HTML 23Page - Analog Devices AD9913/PCBZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
AD9913
Data Sheet
Rev. E | Page 20 of 32
Table 7. PLL Multiplication Factor Configuration
CFR2 [13:9]
CFR2 [15:14], CFR2 [3]
= 000
= 001
= 100
= 101
= 010
= 011
= 110
= 111
00000
32
16
16
8
64
32
32
16
00001
1
0.5
0.5
0.25
2
1
1
0.5
00010
2
1
1
0.5
4
2
2
1
00011
3
1.5
1.5
0.75
6
3
3
1.5
00100
4
2
2
1
8
4
4
2
00101
5
2.5
2.5
1.25
10
5
5
2.5
00110
6
3
3
1.5
12
6
6
3
00111
7
3.5
3.5
1.75
14
7
7
3.5
01000
8
4
4
2
16
8
8
4
01001
9
4.5
4.5
2.25
18
9
9
4.5
01010
10
5
5
2.5
20
10
10
5
01011
11
5.5
5.5
2.75
22
11
11
5.5
01100
12
6
6
3
24
12
12
6
01101
13
6.5
6.5
3.25
26
13
13
6.5
01110
14
7
7
3.5
28
14
14
7
01111
15
7.5
7.5
3.75
30
15
15
7.5
10000
16
8
8
4
32
16
16
8
10001
17
8.5
8.5
4.25
34
17
17
8.5
10010
18
9
9
4.5
36
18
18
9
10011
19
9.5
9.5
4.75
38
19
19
9.5
10100
20
10
10
5
40
20
20
10
10101
21
10.5
10.5
5.25
42
21
21
10.5
10110
22
11
11
5.5
44
22
22
11
10111
23
11.5
11.5
5.75
46
23
23
11.5
11000
24
12
12
6
48
24
24
12
11001
25
12.5
12.5
6.25
50
25
25
12.5
11010
26
13
13
6.5
52
26
26
13
11011
27
13.5
13.5
6.75
54
27
27
13.5
11100
28
14
14
7
56
28
28
14
11101
29
14.5
14.5
7.25
58
29
29
14.5
11110
30
15
15
7.5
60
30
30
15
11111
31
15.5
15.5
7.75
62
31
31
15.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com