Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC07 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC07
Description  3V Logic Output Temperature Sensor with Programmable Hysteresis
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC07 Datasheet(HTML) 3 Page - Microchip Technology

  TC07 Datasheet HTML 1Page - Microchip Technology TC07 Datasheet HTML 2Page - Microchip Technology TC07 Datasheet HTML 3Page - Microchip Technology TC07 Datasheet HTML 4Page - Microchip Technology TC07 Datasheet HTML 5Page - Microchip Technology TC07 Datasheet HTML 6Page - Microchip Technology TC07 Datasheet HTML 7Page - Microchip Technology TC07 Datasheet HTML 8Page - Microchip Technology TC07 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 2005 Microchip Technology Inc.
DS21674C-page 3
TC07
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
3.0
DETAILED DESCRIPTION
The TC07 programs with resistors connected from the
TSET and HSET inputs to VDD. Output pins OUT and
OUT are driven active when the temperature exceeds
the setting determined by the programming resistor on
TSET. The outputs are maintained (latched) in their
active states until temperature drops below the setting
determined by the programming resistor on HSET
(Figure 3-1).
FIGURE 3-1:
TC07 OUTPUT
WAVEFORMS
Pin No.
(8-Pin SOIC)
(8-Pin MSOP)
Symbol
Description
1
NC
No Internal Connection
2HSET
Absolute Accuracy
3TSET
Absolute Accuracy
4
GND
Ground
5OUT
Minimum Hysteresis
6
OUT
Absolute Accuracy
7
NC
No Internal Connection
8VDD
Supply Voltage Range
Temperature
OUT
Temperature set
by Resistor on TSET
Hysteresis set by
Resistor on HSET
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com