Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC07 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC07
Description  3V Logic Output Temperature Sensor with Programmable Hysteresis
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC07 Datasheet(HTML) 2 Page - Microchip Technology

  TC07 Datasheet HTML 1Page - Microchip Technology TC07 Datasheet HTML 2Page - Microchip Technology TC07 Datasheet HTML 3Page - Microchip Technology TC07 Datasheet HTML 4Page - Microchip Technology TC07 Datasheet HTML 5Page - Microchip Technology TC07 Datasheet HTML 6Page - Microchip Technology TC07 Datasheet HTML 7Page - Microchip Technology TC07 Datasheet HTML 8Page - Microchip Technology TC07 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TC07
DS21674C-page 2
© 2005 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
Supply Voltage ........................................................ 7V
Input Voltage Any Input . (GND – 0.3V) to (VDD + 0.3V)
Operating Temperature ......................-40°C to +125°C
Storage Temperature, TJ ....................-65°C to +150°C
*Stresses above those listed under "Absolute Maximum Rat-
ings" may cause permanent damage to the device. These are
stress ratings only and functional operation of the device at
these or any other conditions above those indicated in the
operation sections of the specifications is not implied. Expo-
sure to Absolute Maximum Rating conditions for extended
periods may affect device reliability.
TC07 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: TA = Over operational temperature range, unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VDD
Supply Voltage Range
2.7
5.5
V
IDD
Supply Current
130
300
μA2.7V < VCC < 5.5V
VOH
Output Voltage (High)
0.8 x VDD
––
V
IOUT = 500μA
VOL
Output Voltage (Low)
0.25 x VDD
VIOUT = 1mA
H
Minimum Hysteresis
-5
°C
HSET < TSET
TSET
Absolute Accuracy
T - 3
T ± 1
T + 3
°C
T = Programmed Temperature
HSET
Absolute Accuracy
T - 5
T ± 1
T + 5
°C
T = Programmed Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com