Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC07 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC07
Description  3V Logic Output Temperature Sensor with Programmable Hysteresis
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC07 Datasheet(HTML) 4 Page - Microchip Technology

  TC07 Datasheet HTML 1Page - Microchip Technology TC07 Datasheet HTML 2Page - Microchip Technology TC07 Datasheet HTML 3Page - Microchip Technology TC07 Datasheet HTML 4Page - Microchip Technology TC07 Datasheet HTML 5Page - Microchip Technology TC07 Datasheet HTML 6Page - Microchip Technology TC07 Datasheet HTML 7Page - Microchip Technology TC07 Datasheet HTML 8Page - Microchip Technology TC07 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TC07
DS21674C-page 4
© 2005 Microchip Technology Inc.
4.0
TYPICAL APPLICATIONS
4.1
Trip Point Programming
The resistor values required to achieve the desired trip
point temperatures on TSET and HSET are calculated
using the formula below:
For example, to program the TC07 outputs to go active
at 50°C and inactive at 30°C, the RT and RH
programming resistors are calculated as follows:
Resistance values for TSET and HSET can be approxi-
mated using Figure 4-1. Care must be taken to ensure
the HSET programming resistor is a smaller value than
the TSET programming resistor. The temperature
programmed on HSET must be at least 5°C lower than
the temperature value programmed by TSET.
FIGURE 4-1:
PROGRAMMING
RESISTOR VALUES VS.
TEMPERATURE
4.2
Cooling and Heating Applications
The TC07 can be used to control a DC fan as shown in
Figure 4-2. The fan turns on when the sensed temper-
ature rises above the temperature set at TSET and
remains on until the temperature falls below the tem-
perature set at HSET. The amount of “cooling"
performed by the fan is dependent on the programmed
hysteresis.
Figure 4-3 shows the TC07 acting as a heater thermo-
stat. Circuit operation is identical to that of the cooling
fan application in Figure 4-2.
FIGURE 4-2:
TC07 AS A FAN
CONTROLLER
RTRIP = 0.6 x T
2.13
Where:
RTRIP = Programming resistor value in Ohms
T = Desired trip point temperature in degrees Kelvin.
RT = 0.6 x ((50 + 273.15)
2.13) = 132.8kΩ
RH = 0.6 x ((30 + 273.15)
2.13) = 115.9kΩ
TEMPERATURE (
°C)
-55
-35
-15
5
25
45
65
85
105
125
50
100
150
200
250
Out
Fan "On"
HSET
TSET
NC
RT
RH
+2.7 to 5.5V +12V
TSET
HSET
GND
VDD
OUT
NC
Logic Level
MOSFET
TC07
OUT
+
Fan



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com