Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC72-5.0MMF Datasheet(PDF) 21 Page - Microchip Technology

Part # TC72-5.0MMF
Description  Digital Temperature Sensor with SPI??Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC72-5.0MMF Datasheet(HTML) 21 Page - Microchip Technology

Back Button TC72-5.0MMF Datasheet HTML 16Page - Microchip Technology TC72-5.0MMF Datasheet HTML 17Page - Microchip Technology TC72-5.0MMF Datasheet HTML 18Page - Microchip Technology TC72-5.0MMF Datasheet HTML 19Page - Microchip Technology TC72-5.0MMF Datasheet HTML 20Page - Microchip Technology TC72-5.0MMF Datasheet HTML 21Page - Microchip Technology TC72-5.0MMF Datasheet HTML 22Page - Microchip Technology TC72-5.0MMF Datasheet HTML 23Page - Microchip Technology TC72-5.0MMF Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
 2002 Microchip Technology Inc.
DS21743A-page21
TC72
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.
PART NO.
-X.X
XX
Package
Voltage
Range
Device
Device:
TC72:
Digital Temperature Sensor w/SPI Interface
Voltage Range:
2.8
= Accuracy Optimized for 2.8V
3.3
= Accuracy Optimized for 3.3V
5.0
= Accuracy Optimized for 5.0V
Temperature Range:
M
= -55°C to +125°C
Package:
MF
= Dual, Flat, No Lead (DFN) (3x3mm), 8-lead
MFTR = Dual, Flat, No Lead (DFN) (3x3mm), 8-lead
(Tape and Reel)
UA
= Plastic Micro Small Outline (MSOP), 8-lead
UATR = Plastic Micro Small Outline (MSOP), 8-lead
(Tape and Reel)
Examples:
a)
TC72-2.8MUA: Digital Temperature Sensor,
2.8V, 8LD MSOP package.
b)
TC72-2.8MUATR: Digital Temperature Sen-
sor, 2.8V, 8LD MSOP (tape and reel) package.
c)
TC72-2.8MMF: Digital Temperature Sensor,
2.8V, 8LD DFN package.
d)
TC72-3.3MUA: Digital Temperature Sensor,
3.3V, 8LD MSOP package.
e)
TC72-3.3MMF: Digital Temperature Sensor,
3.3V, 8LD DFN package.
f)
TC72-5.0MUA: Digital Temperature Sensor,
5.0V, 8LD MSOP package.
g)
TC72-5.0MMF: Digital Temperature Sensor,
5.0V, 8LD DFN package.
h)
TC72-5.0MMFTR: Digital Temperature Sen-
sor, 5.0V, 8LD DFN (tape and reel) package.
X
Temperature
Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com