Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC72-5.0MMF Datasheet(PDF) 3 Page - Microchip Technology

Part # TC72-5.0MMF
Description  Digital Temperature Sensor with SPI??Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC72-5.0MMF Datasheet(HTML) 3 Page - Microchip Technology

  TC72-5.0MMF Datasheet HTML 1Page - Microchip Technology TC72-5.0MMF Datasheet HTML 2Page - Microchip Technology TC72-5.0MMF Datasheet HTML 3Page - Microchip Technology TC72-5.0MMF Datasheet HTML 4Page - Microchip Technology TC72-5.0MMF Datasheet HTML 5Page - Microchip Technology TC72-5.0MMF Datasheet HTML 6Page - Microchip Technology TC72-5.0MMF Datasheet HTML 7Page - Microchip Technology TC72-5.0MMF Datasheet HTML 8Page - Microchip Technology TC72-5.0MMF Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
 2002 Microchip Technology Inc.
DS21743A-page 3
TC72
1.0
ELECTRICAL
CHARACTERISTICS
1.1
Maximum Ratings†
VDD........................................................................6.0V
All inputs and outputs w.r.t. GND ...-0.3V to VDD +0.3V
Storage temperature .......................... -65°C to +150°C
Ambient temp. with power applied ..... -55°C to +125°C
Junction Temperature ........................................ 150°C
ESD protection on all pins:
Human Body Model (HBM)............................. > 4 kV
Man Machine Model (MM)............................. > 400V
Latch-Up Current at each pin ........................ ±200 mA
Maximum Power Dissipation........................... 250 mW
† Notice: Stresses above those listed under "Maximum
Ratings" may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operation listings of this specification is not implied. Exposure
to maximum rating conditions for extended periods may affect
device reliability.
PIN FUNCTION TABLE
Name
Function
NC
No Internal Connection
CE
Chip Enable Input, the device is selected
when this input is high
SCK
Serial Clock Input
GND
Ground
SDO
Serial Data Output
SDI
Serial Data Input
NC
No Internal Connection
VDD
Power Supply
DC CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, all parameters apply at V
DD = 2.65V to 5.5V, T
A = -55°C to +125 °C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Power Supply
Operating Voltage Range
VDD
2.65
—
5.5
V
Note 1
Operating Current:
Normal Mode, ADC Active
IDD-CON
—
250
400
µA
Continuous temp. conversion mode
(Shutdown Bit = ‘0’)
Shut-Down Supply Current
ISHD
—
0.1
1.0
µA
Shutdown Mode (Shutdown Bit = ‘1’)
Temperature Sensor and Analog-to-Digital Converter
Temperature Accuracy
(Note 1)
TACY
-2.0
—
+2.0
°C
-40°C < TA < +85°C
-3.0
—
+3.0
-55°C < TA < +125°C
Resolution
—
10
—
Bits
Note 4
ADC Conversion Time
tCONV
—150
200
ms
Digital Input / Output
High Level Input Voltage
VIH
0.7 VDD
——
V
Low Level Input Voltage
VIL
—
—
0.2 VDD
V
High Level Output Voltage
VOH
0.7 VDD
——
V
IOH = 1 mA
Low Level Output Voltage
VOL
—
—
0.2 VDD
VIOL = 4 mA
Input Resistance
RIN
1.0
—
—
M
Ω
Pin Capacitance
CIN
—15
—
pF
COUT
—50
—
Note 1: The TC72-2.8MXX, TC72-3.3MXX and TC72-5.0MXX will operate from a supply voltage of 2.65V to 5.5V. However, the
TC72-2.8MXX, TC72-3.3MXX and TC72-5.0MXX are tested and specified at the nominal operating voltages of 2.8V,
3.3V and 5.0V respectively. As VDD varies from the nominal operating value, the accuracy may be degraded. Refer to
Figure 2-5 and Figure 2-6.
2: Measured with a load of CL = 50 pF on the SDO output pin of the TC72.
3: All time measurements are measured with respect to the 50% point of the signal, except for the SCK rise and fall times.
The rise and fall times are defined as the 10% to 90% transition time.
4: Resolution = Temperature Range/No. of Bits = (+127°C – -128°C) / (210) = 256/1024 = 0.25°C/Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com