Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC72-5.0MMF Datasheet(PDF) 8 Page - Microchip Technology

Part # TC72-5.0MMF
Description  Digital Temperature Sensor with SPI??Interface
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC72-5.0MMF Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC72-5.0MMF Datasheet HTML 4Page - Microchip Technology TC72-5.0MMF Datasheet HTML 5Page - Microchip Technology TC72-5.0MMF Datasheet HTML 6Page - Microchip Technology TC72-5.0MMF Datasheet HTML 7Page - Microchip Technology TC72-5.0MMF Datasheet HTML 8Page - Microchip Technology TC72-5.0MMF Datasheet HTML 9Page - Microchip Technology TC72-5.0MMF Datasheet HTML 10Page - Microchip Technology TC72-5.0MMF Datasheet HTML 11Page - Microchip Technology TC72-5.0MMF Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
TC72
DS21743A-page 8
 2002 Microchip Technology Inc.
3.0
FUNCTIONAL DESCRIPTION
The TC72 consists of a band-gap type temperature
sensor, a 10-bit Sigma Delta Analog-to-Digital Con-
verter (ADC), an internal conversion oscillator and a
double buffer digital output port. The 10-bit ADC is
scaled from -128°C to +127°C; therefore, the resolution
is 0.25°C per bit. The ambient temperature operating
range of the TC72 is specified from -55°C to +125°C.
This device features a four-wire serial interface that is
fully compatible with the SPI specification and, there-
fore, allows simple communications with common
microcontrollers and processors. The TC72 can be
used either in a Continuous Temperature Conversion
mode or a One-Shot Conversion mode. The TC72 tem-
perature measurements are performed in the back-
ground and, therefore, reading the temperature via the
serial I/O lines does not affect the measurement in
progress.
The Continuous Conversion mode measures the tem-
perature approximately every 150 ms and stores the
data in the temperature registers. The TC72 has an
internal clock generator that controls the automatic
temperature conversion sequence. The automatic tem-
perature sampling operation is repeated indefinitely
until the TC72 is placed in a shutdown mode by a write
operation to the Control register. The TC72 will remain
in the shutdown mode until the shutdown bit in the
Control register is reset.
In contrast, the One-Shot mode performs a single tem-
perature measurement and returns to the power-sav-
ing shut down mode. This mode is especially useful for
low power applications.
FIGURE 3-1:
Temperature-To-Digital Transfer Function (Non-linear Scale).
Temp
Temp
Output
Code
+125°C
-55°C
+25°C
-25°C
+0.25°C
-0.125°C
0111 1101 / 0000 0000
MSB
LSB
Note:
The ADC converter is scaled from -128°C to -127°C, but the operating range of the
TC72 is specified from -55°C to +125°C.
0001 1001 / 0000 0000
MSB
LSB
0000 0000 / 0100 0000
MSB
LSB
0000 0000 / 0000 0000
MSB
LSB
1111 1111 / 1100 0000
MSB
LSB
1110 0111 / 0000 0000
MSB
LSB
1100 1001 / 0000 0000
MSB
LSB
0°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com