Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5249LPV120 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # SCF5249LPV120
Description  Integrated ColdFire Microprocessor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5249LPV120 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  SCF5249LPV120 Datasheet HTML 1Page - Freescale Semiconductor, Inc SCF5249LPV120 Datasheet HTML 2Page - Freescale Semiconductor, Inc SCF5249LPV120 Datasheet HTML 3Page - Freescale Semiconductor, Inc SCF5249LPV120 Datasheet HTML 4Page - Freescale Semiconductor, Inc SCF5249LPV120 Datasheet HTML 5Page - Freescale Semiconductor, Inc SCF5249LPV120 Datasheet HTML 6Page - Freescale Semiconductor, Inc SCF5249LPV120 Datasheet HTML 7Page - Freescale Semiconductor, Inc SCF5249LPV120 Datasheet HTML 8Page - Freescale Semiconductor, Inc SCF5249LPV120 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 56 page
background image
SCF5249 Block Diagram
SCF5249 Integrated ColdFire® Microprocessor Data Sheet, Rev. 3
Freescale Semiconductor
3
•
1.8V core, 3.3V I/O
•
160 pin MAPBGA package (qualified at 140 MHz) and 144 pin QFP package (qualified at 120
MHz)
•-200 C to 700 C ambient operating temperature range
2
SCF5249 Block Diagram
Figure 1. SCF5249 Block Diagram
3
SCF5249 Feature Details
The primary features of the SCF5249 integrated processor include the following:
•
ColdFire V2 Processor Core operating at 140MHz
— Clock-doubled Version 2 microprocessor core
— 32-bit internal data bus, 16 bit external data bus
— 16 user-visible, 32-bit general-purpose registers
— Supervisor/user modes for system protection
— Vector base register to relocate exception-vector table
— Optimized for high-level language constructs
PLL
Frequency
Synthesizer
Serial Audio
Interface
3 x I2S Rx
2 x I2STx
SPDIF/EBU
Transmitter
CD ROM
Block
Decoder
Encoder
CD Text
Interface
QSPI
SPDIF/EBU
Receiver
IDE
Interface
Flash
Media
Interface
I Addr Gen
Instr Buf
I Fetch
AGen & Ex
Dec&Sel Op
8K
byte
I-Cache
B
u
s
C
o
n
t
r
o
l
SDRAM
Cntr
& Chip
Selects
Timers
DUART
DMA
M-bus
(I2C)
Debug
Module
96K
Byte
SRAM
General
Purpose
I/O
EMAC
ColdFire V2
12-bit ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com