Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCF5249LPV120 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # SCF5249LPV120
Description  Integrated ColdFire Microprocessor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SCF5249LPV120 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button SCF5249LPV120 Datasheet HTML 15Page - Freescale Semiconductor, Inc SCF5249LPV120 Datasheet HTML 16Page - Freescale Semiconductor, Inc SCF5249LPV120 Datasheet HTML 17Page - Freescale Semiconductor, Inc SCF5249LPV120 Datasheet HTML 18Page - Freescale Semiconductor, Inc SCF5249LPV120 Datasheet HTML 19Page - Freescale Semiconductor, Inc SCF5249LPV120 Datasheet HTML 20Page - Freescale Semiconductor, Inc SCF5249LPV120 Datasheet HTML 21Page - Freescale Semiconductor, Inc SCF5249LPV120 Datasheet HTML 22Page - Freescale Semiconductor, Inc SCF5249LPV120 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 56 page
background image
Signal Descriptions
SCF5249 Integrated ColdFire® Microprocessor Data Sheet, Rev. 3
Freescale Semiconductor
19
8.7
Bus Buffer Signals
As the SCF5249 has a quite complicated slave bus, with the possibility to put DRAM on the bus, put
asynchronous memories on the bus, and to put ISA bus peripherals on the bus, it may become necessary
to introduce a bus buffer on the bus. The SCF5249 has a glueless interface to steer these bus buffers with
2 bus buffer output signals BUFENB1/GPIO57 and BUFENB2/GPIO7.
NOTE
The BUFENB2 signal is only used in the 160 MAPBGA package.
8.8
I2C Module Signals
There are two I2C interfaces on this device.
The I2C module acts as a quick two-wire, bidirectional serial interface between the SCF5249 processor
and peripherals with an I2C interface (e.g., LED controller, A-to-D converter, D-to-A converter). When
devices connected to the I2C bus drive the bus, they will either drive logic-0 or high-impedance. This can
be accomplished with an open-drain output.
8.9
Serial Module Signals
The following signals transfer serial data between the two UART modules and external peripherals.
All serial module signals can be used as gpi or gpo. The GPIO-FUNCTION and GPIO1-FUNCTION
registers must be programmed to determine pin functions of the inputs and outputs. If used as gpo or gpi,
UART functionality is lost.
Table 6. I2C Module Signals
I2c Module Signal
Description
I2C Serial Clock
The SCL/QPSICLK and SCL2/GPIO3 bidirectional signals are
the clock signal for first and second I2C module operation. The
I2C module controls this signal when the bus is in master
mode; all I2C devices drive this signal to synchronize I2C
timing.
Signals are multiplexed
Function select is done via PLLCR register.
I2C Serial Data
The SDA/QSPI_DIN and SDA2/GPIO55 bidirectional signals
are the data input/output for the first and second serial I2C
interface.
Signals are multiplexed
Function select is done via PLLCR register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com